Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIF_C Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NPIF_C
Description  NPIF Flat Wire Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIF_C Datasheet(HTML) 4 Page - NIC-Components Corp.

  NPIF_C Datasheet HTML 1Page - NIC-Components Corp. NPIF_C Datasheet HTML 2Page - NIC-Components Corp. NPIF_C Datasheet HTML 3Page - NIC-Components Corp. NPIF_C Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPIF__C Series
NPIF Flat Wire Power Inductors
REFLOW SOLDERING PROFILE
Soldering 260°C max.
5 seconds max.
Cool Down
60 ~ 120 sec.
25
50
100
150
200
250
300
Pre-Heat
150°C ~ 180°C
Time above 230°C
30 seconds max.
30
60
90 120 150 180 210 240 270 300
Time - Seconds
Series
D
H
I
J
K
NPIF104C
6.7
2.0
2.5
8.5
11.0
NPIF105C
6.7
2.0
2.5
8.5
11.0
NPIF125C
8.2
3.0
4.0
10.0
13.5
NPIF134C
9.6
2.6
4.4
10
15.0
RECOMMENDED LAND PATTERN DIMENSIONS
Case Size
TAPING DIMENSIONS (mm)
A
B
P
W
Qty/Reel
NPIF104C 10.4 ± 0.1 10.4 ± 0.1
16.0
24.0
500 pcs
NPIF105C 10.4 ± 0.1 10.4 ± 0.1
16.0
24.0
500 pcs
NPIF125C 13.0 ± 0.1 13.0 ± 0.1
16.0
24.0
500 pcs
NPIF134C 13.9 ± 0.1 13.9 ± 0.1
16.0
24.0
500 pcs
W
A
P
B
1.5mm +0.1/-0.0
4.0mm
±0.1
1.75mm ±0.1
Tape Width
REEL DIMENSIONS (mm)
A(mm)
B(mm)
C(mm)
D(mm)
16mm
16.5 ± 0.1
23 ± 1.0
13 ± 1.0
330
B
C
D
A
LAND PATTERN
J
H
K
I
D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com