Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIF_C Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NPIF_C
Description  NPIF Flat Wire Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIF_C Datasheet(HTML) 1 Page - NIC-Components Corp.

  NPIF_C Datasheet HTML 1Page - NIC-Components Corp. NPIF_C Datasheet HTML 2Page - NIC-Components Corp. NPIF_C Datasheet HTML 3Page - NIC-Components Corp. NPIF_C Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPIF__C Series
NPIF Flat Wire Power Inductors
Series
A max.
B max.
C max.
D
E
F
G
H
I
J
K
NPIF104C
10.4
10.4
4.5
6.7
2.6
5.5
1.4
2.0
2.5
8.5
11.0
NPIF105C
5.6
NPIF125C
12.9
12.9
5.7
8.2
7.0
2.5
3.0
4.0
10.0
13.5
NPIF134C
13.9
13.9
5.0
9.6
7.2
2.6
4.4
15.0
DIMENSIONS (mm)
FEATURES
• FLAT PLATE POWER INDUCTOR
• SMALL SIZE WITH CURRENT RATINGS TO 19 AMPS
• SURFACE MOUNTABLE CONSTRUCTION
• HIGH INDUCTANCE (UP TO 10
μH)
• TAPED AND REELED FOR AUTOMATIC INSERTION
• FOR USE IN DC/DC CONVERTERS
Case Size
NPIF104C
NPIF105C
NPIF125C
NPIF134C
Inductance Range
0.22 ~ 8.8
μH
0.15 ~ 8.8
μH
1.5 ~ 10
μH
0.30 ~ 8.0
μH
Ambient Operating Temperature Range
-40°C ~ +85°C
Temperatrue Rise at IDC
+40°C max.
Inductance Change at IDC
-30% typical
Inductance Tolerance
±20% (M) and ±30%(Y)
Resistance to Solder Heat
260°C for 10 seconds
CHARACTERISTICS
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
NPIF 104 C 151 M
TR F
Termination Finish:
F = Standard Pb-free (100%Sn)
Packaging: TR = Tape & Reel
Inductance Tolerance Code: M=±20%, Y=±30%
Inductance Code (
μH): 1st two digits are significant,
3rd digit is multiplier.
Construction Code (see drawing for details)
Size Code (see table for details)
Series
PART NUMBER SYSTEM
Current Rating Identifier
SCHEMATIC
TOP VIEW
BOTTOM VIEW
LAND PATTERN
L


Similar Part No. - NPIF_C

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIF-C NIC-NPIF-C Datasheet
170Kb / 4P
NPIF Flat Wire Power Inductors
More results

Similar Description - NPIF_C

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PG0426NL PULSE-PG0426NL Datasheet
88Kb / 2P
SMT POWER INDUCTORS Flat Coils
logo
Murata Manufacturing Co...
KMP_3500 MURATA-KMP_3500 Datasheet
123Kb / 3P
Flat Coil SM Power Inductors
KMP_3600 MURATA-KMP_3600 Datasheet
123Kb / 3P
Flat Coil SM Power Inductors
logo
Coilcraft lnc.
A9860-B COILCRAFT-A9860-B Datasheet
76Kb / 2P
Flat Wire Power Inductor
logo
NIC-Components Corp.
NPIF-C NIC-NPIF-C Datasheet
170Kb / 4P
NPIF Flat Wire Power Inductors
logo
Allied Components Inter...
PCSFW189 ALLIED-PCSFW189 Datasheet
1Mb / 1P
Shielded Power Choke Flat Wire
logo
Coilcraft lnc.
A9860 COILCRAFT-A9860_15 Datasheet
394Kb / 2P
Flat Wire Power Inductor
logo
XFMRS Inc.
XFPQ2013-4R7M XFMRS-XFPQ2013-4R7M Datasheet
38Kb / 1P
Flat Wire Power Inductor
logo
Allied Components Inter...
FWECY1390 ALLIED-FWECY1390 Datasheet
688Kb / 1P
Shielded Flat Wire Power Inductor
logo
Coilcraft lnc.
A9860-B COILCRAFT-A9860-B_15 Datasheet
394Kb / 2P
Flat Wire Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com