Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2734 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2734
Description  Thin SOT23 1A Load Step-Down DC-DC Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2734 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2734 Datasheet HTML 7Page - National Semiconductor (TI) LM2734 Datasheet HTML 8Page - National Semiconductor (TI) LM2734 Datasheet HTML 9Page - National Semiconductor (TI) LM2734 Datasheet HTML 10Page - National Semiconductor (TI) LM2734 Datasheet HTML 11Page - National Semiconductor (TI) LM2734 Datasheet HTML 12Page - National Semiconductor (TI) LM2734 Datasheet HTML 13Page - National Semiconductor (TI) LM2734 Datasheet HTML 14Page - National Semiconductor (TI) LM2734 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Design Guide (Continued)
OUTPUT VOLTAGE
The output voltage is set using the following equation where
R2 is connected between the FB pin and GND, and R1 is
connected between V
O and the FB pin. A good value for R2
is 10k
Ω.
PCB Layout Considerations
When planning layout there are a few things to consider
when trying to achieve a clean, regulated output. The most
important consideration when completing the layout is the
close coupling of the GND connections of the C
IN capacitor
and the catch diode D1. These ground ends should be close
to one another and be connected to the GND plane with at
least two through-holes. Place these components as close to
the IC as possible. Next in importance is the location of the
GND connection of the C
OUT capacitor, which should be
near the GND connections of C
IN and D1.
There should be a continuous ground plane on the bottom
layer of a two-layer board except under the switching node
island.
The FB pin is a high impedance node and care should be
taken to make the FB trace short to avoid noise pickup and
inaccurate regulation. The feedback resistors should be
placed as close as possible to the IC, with the GND of R2
placed as close as possible to the GND of the IC. The V
OUT
trace to R1 should be routed away from the inductor and any
other traces that are switching.
High AC currents flow through the V
IN, SW and VOUT traces,
so they should be as short and wide as possible. However,
making the traces wide increases radiated noise, so the
designer must make this trade-off. Radiated noise can be
decreased by choosing a shielded inductor.
The remaining components should also be placed as close
as possible to the IC. Please see Application Note AN-1229
for further considerations and the LM2734 demo board as an
example of a four-layer layout.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com