Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2734 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2734
Description  Thin SOT23 1A Load Step-Down DC-DC Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2734 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2734 Datasheet HTML 1Page - National Semiconductor (TI) LM2734 Datasheet HTML 2Page - National Semiconductor (TI) LM2734 Datasheet HTML 3Page - National Semiconductor (TI) LM2734 Datasheet HTML 4Page - National Semiconductor (TI) LM2734 Datasheet HTML 5Page - National Semiconductor (TI) LM2734 Datasheet HTML 6Page - National Semiconductor (TI) LM2734 Datasheet HTML 7Page - National Semiconductor (TI) LM2734 Datasheet HTML 8Page - National Semiconductor (TI) LM2734 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Connection Diagram
20102305
6-Lead TSOT
NS Package Number MK06A
Ordering Information
Order Number
Package Type
NSC Package Drawing
Package Marking
Supplied As
LM2734XMK
TSOT-6
MK06A
SFDB
1000 Units on Tape and Reel
LM2734YMK
SFEB
1000 Units on Tape and Reel
LM2734XMKX
SFDB
3000 Units on Tape and Reel
LM2734YMKX
SFEB
3000 Units on Tape and Reel
* Contact the local sales office for the lead-free package.
Pin Description
Pin
Name
Function
1
BOOST
Boost voltage that drives the internal NMOS control switch. A
bootstrap capacitor is connected between the BOOST and SW
pins.
2
GND
Signal and Power ground pin. Place the bottom resistor of the
feedback network as close as possible to this pin for accurate
regulation.
3
FB
Feedback pin. Connect FB to the external resistor divider to set
output voltage.
4
EN
Enable control input. Logic high enables operation. Do not allow
this pin to float or be greater than V
IN + 0.3V.
5V
IN
Input supply voltage. Connect a bypass capacitor to this pin.
6
SW
Output switch. Connects to the inductor, catch diode, and
bootstrap capacitor.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com