Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2734 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2734
Description  Thin SOT23 1A Load Step-Down DC-DC Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2734 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2734 Datasheet HTML 1Page - National Semiconductor (TI) LM2734 Datasheet HTML 2Page - National Semiconductor (TI) LM2734 Datasheet HTML 3Page - National Semiconductor (TI) LM2734 Datasheet HTML 4Page - National Semiconductor (TI) LM2734 Datasheet HTML 5Page - National Semiconductor (TI) LM2734 Datasheet HTML 6Page - National Semiconductor (TI) LM2734 Datasheet HTML 7Page - National Semiconductor (TI) LM2734 Datasheet HTML 8Page - National Semiconductor (TI) LM2734 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM2734
Thin SOT23 1A Load Step-Down DC-DC Regulator
General Description
The LM2734 regulator is a monolithic, high frequency, PWM
step-down DC/DC converter in a 6-pin Thin SOT23 package.
It provides all the active functions to provide local DC/DC
conversion with fast transient response and accurate regu-
lation in the smallest possible PCB area.
With a minimum of external components and online design
support through WEBENCH™, the LM2734 is easy to use.
The ability to drive 1A loads with an internal 300m
Ω NMOS
switch using state-of-the-art 0.5µm BiCMOS technology re-
sults in the best power density available. The world class
control circuitry allows for on-times as low as 13ns, thus
supporting exceptionally high frequency conversion over the
entire 3V to 20V input operating range down to the minimum
output voltage of 0.8V. Switching frequency is internally set
to 550kHz (LM2734Y) or 1.6MHz (LM2734X), allowing the
use of extremely small surface mount inductors and chip
capacitors. Even though the operating frequencies are very
high, efficiencies up to 90% are easy to achieve. External
shutdown is included, featuring an ultra-low stand-by current
of 30nA. The LM2734 utilizes current-mode control and in-
ternal compensation to provide high-performance regulation
over a wide range of operating conditions. Additional fea-
tures include internal soft-start circuitry to reduce inrush
current, pulse-by-pulse current limit, thermal shutdown, and
output over-voltage protection.
Features
n
Thin SOT23-6 package
n
3.0V to 20V input voltage range
n
0.8V to 18V output voltage range
n
1A output current
n
550kHz (LM2734Y) and 1.6MHz (LM2734X)
switching frequencies
n
300m
Ω NMOS switch
n
30nA shutdown current
n
0.8V, 2% internal voltage reference
n
Internal soft-start
n
Current-Mode, PWM operation
n
WEBENCH online design tool
Applications
n
Local Point of Load Regulation
n
Core Power in HDDs
n
Set-Top Boxes
n
Battery Powered Devices
n
USB Powered Devices
n
DSL Modems
n
Notebook Computers
Typical Application Circuit
Efficiency vs Load Current
V
IN = 5V, VOUT = 3.3V
20102301
20102345
WEBENCH™ is a trademark of Transim.
October 2004
© 2004 National Semiconductor Corporation
DS201023
www.national.com


Similar Part No. - LM2734

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
LM2734 TI1-LM2734 Datasheet
1Mb / 36P
Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734 TI2-LM2734 Datasheet
1Mb / 40P
LM2734 Thin SOT 1-A Load Step-Down DC/DC Regulator
REVISED SEPTEMBER 2018
LM2734 TI2-LM2734 Datasheet
1Mb / 40P
LM2734-Q1 Thin SOT 1-A Load Step-Down DC/DC Regulator
SEPTEMBER 2018
LM2734-Q1 TI1-LM2734-Q1 Datasheet
1Mb / 36P
Thin SOT 1-A Load Step-Down DC-DC Regulator
More results

Similar Description - LM2734

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2734Z NSC-LM2734Z Datasheet
775Kb / 9P
Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LMR12007 TI1-LMR12007 Datasheet
1Mb / 30P
LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LMR12007 TI1-LMR12007 Datasheet
1Mb / 30P
LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2734Z TI1-LM2734Z_14 Datasheet
1Mb / 29P
Thin SOT23 1A Load Step-Down DC-DC Regulator
LM2736 TI1-LM2736_14 Datasheet
1Mb / 27P
Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2734Z TI-LM2734Z_15 Datasheet
1Mb / 32P
LM2734Z/LM2734ZQ Thin SOT 1A Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com