Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2011MF Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP2011MF
Description  High Precision, Rail-to-Rail Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP2011MF Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMP2011MF Datasheet HTML 1Page - National Semiconductor (TI) LMP2011MF Datasheet HTML 2Page - National Semiconductor (TI) LMP2011MF Datasheet HTML 3Page - National Semiconductor (TI) LMP2011MF Datasheet HTML 4Page - National Semiconductor (TI) LMP2011MF Datasheet HTML 5Page - National Semiconductor (TI) LMP2011MF Datasheet HTML 6Page - National Semiconductor (TI) LMP2011MF Datasheet HTML 7Page - National Semiconductor (TI) LMP2011MF Datasheet HTML 8Page - National Semiconductor (TI) LMP2011MF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance
Human Body Model
2000V
Machine Model
200V
Supply Voltage
5.8V
Common-Mode Input
Voltage
−0.3
≤ V
CM
≤ V
CC +0.3V
Lead Temperature
(soldering 10 sec.)
+300˚C
Differential Input Voltage
±Supply Voltage
Current at Input Pin
30 mA
Current at Output Pin
30 mA
Current at Power Supply Pin
50 mA
Operating Ratings (Note 1)
Supply Voltage
2.7V to 5.25V
Storage Temperature Range
−65˚C to 150˚C
Operating Temperature Range
LMP2011MF, LMP2011MFX
−40˚C to 125˚C
LMP2011MA, LPM2011MAX
−40˚C to 125˚C
LMP2012MM, LMP2011MMX
−40˚C to 125˚C
LMP2014SD, LMP2014SDX
−40˚C to 125˚C
LMP2014MT, LMP2014MTX
0˚C to 70˚C
2.7V DC Electrical Characteristics Unless otherwise specified, all limits guaranteed for T
J = 25˚C,
V
+ = 2.7V, V- = 0V, V
CM = 1.35V, VO = 1.35V and RL > 1M
Ω. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 3)
Typ
(Note 2)
Max
(Note 3)
Units
V
OS
Input Offset Voltage
0.8
25
60
µV
Offset Calibration Time
0.5
10
12
ms
TCV
OS
Input Offset Voltage
0.015
µV/˚C
Long-Term Offset Drift
0.006
µV/month
Lifetime V
OS Drift
2.5
µV
I
IN
Input Current
-3
pA
I
OS
Input Offset Current
6
pA
R
IND
Input Differential Resistance
9
M
Ω
CMRR
Common Mode Rejection
Ratio
−0.3
≤ V
CM
≤ 0.9V
0
≤ V
CM
≤ 0.9V
130
95
90
dB
PSRR
Power Supply Rejection Ratio
120
95
90
dB
A
VOL
Open Loop Voltage Gain
R
L =10k
Ω
130
95
90
dB
R
L =2k
Ω
124
90
85
V
O
Output Swing
R
L =10 k
Ω to 1.35V
V
IN(diff) = ±0.5V
2.665
2.655
2.68
V
0.033
0.060
0.075
R
L =2 k
Ω to 1.35V
V
IN(diff) = ±0.5V
2.630
2.615
2.65
V
0.061
0.085
0.105
I
O
Output Current
Sourcing, V
O =0V
V
IN(diff) = ±0.5V
12
5
3
mA
Sinking, V
O =5V
V
IN(diff) = ±0.5V
18
5
3
R
OUT
Output Impedance
Ω
I
S
Supply Current per Channel
0.919
1.20
1.50
mA
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com