Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2011MF Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP2011MF
Description  High Precision, Rail-to-Rail Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP2011MF Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMP2011MF Datasheet HTML 1Page - National Semiconductor (TI) LMP2011MF Datasheet HTML 2Page - National Semiconductor (TI) LMP2011MF Datasheet HTML 3Page - National Semiconductor (TI) LMP2011MF Datasheet HTML 4Page - National Semiconductor (TI) LMP2011MF Datasheet HTML 5Page - National Semiconductor (TI) LMP2011MF Datasheet HTML 6Page - National Semiconductor (TI) LMP2011MF Datasheet HTML 7Page - National Semiconductor (TI) LMP2011MF Datasheet HTML 8Page - National Semiconductor (TI) LMP2011MF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LMP2011 Single/ LMP2012 Dual/ LMP2014 Quad
High Precision, Rail-to-Rail Output Operational Amplifier
General Description
The LMP201X is a new precision amplifier family that offers
unprecedented accuracy and stability at an affordable price
and is offered in miniature packages. This device utilizes
patented techniques to measure and continually correct the
input offset error voltage. The result is an amplifier which is
ultra stable over time and temperature. It has excellent
CMRR and PSRR ratings, and does not exhibit the familiar
1/f voltage and current noise increase that plagues tradi-
tional amplifiers. The combination of the LMP201X charac-
teristics makes it a good choice for transducer amplifiers,
high gain configurations, ADC buffer amplifiers, DAC I-V
conversion, and any other 2.7V-5V application requiring pre-
cision and long term stability.
Other useful benefits of the LMP201X are rail-to-rail output,
a low supply current of 930 µA, and wide gain-bandwidth
product of 3 MHz. These extremely versatile features found
in the LMP201X provide high performance and ease of use.
Features
(For V
S = 5V, Typical unless otherwise noted)
n
Low guaranteed V
OS over temperature
60 µV
n
Low noise with no 1/f
35nV/
n
High CMRR
130 dB
n
High PSRR
120 dB
n
High A
VOL
130 dB
n
Wide gain-bandwidth product
3MHz
n
High slew rate
4V/µs
n
Low supply current
930µA
n
Rail-to-rail output
30mV
n
No external capacitors required
Applications
n
Precision instrumentation amplifiers
n
Thermocouple amplifiers
n
Strain gauge bridge amplifier
Connection Diagrams
5-Pin SOT23
8-Pin SOIC
8-Pin MSOP
20071502
Top View
20071542
Top View
20071538
Top View
14-Pin TSSOP
14-Pin LLP
20071539
Top View
20071541
Top View
PRELIMINARY
October 2004
© 2004 National Semiconductor Corporation
DS200715
www.national.com


Similar Part No. - LMP2011MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2011MF NSC-LMP2011MF Datasheet
502Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMP2011MF TI1-LMP2011MF Datasheet
1Mb / 33P
Dual High Precision, Rail-to-Rail Output Operational Amplifier
LMP2011MF/NOPB TI1-LMP2011MF/NOPB Datasheet
1Mb / 33P
Dual High Precision, Rail-to-Rail Output Operational Amplifier
logo
National Semiconductor ...
LMP2011MFX NSC-LMP2011MFX Datasheet
502Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMP2011MFX TI1-LMP2011MFX Datasheet
1Mb / 33P
Dual High Precision, Rail-to-Rail Output Operational Amplifier
More results

Similar Description - LMP2011MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV2011 NSC-LMV2011 Datasheet
582Kb / 15P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Intersil Corporation
LMP2015 INTERSIL-LMP2015 Datasheet
511Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
December 18, 2007
logo
National Semiconductor ...
LMP2014MT NSC-LMP2014MT_05 Datasheet
978Kb / 14P
Quad High Precision, Rail-to-Rail Output Operational Amplifier
LMP2011 NSC-LMP2011_08 Datasheet
502Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMP2012QML NSC-LMP2012QML Datasheet
326Kb / 12P
Dual High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011_08 Datasheet
485Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMV2011 TI-LMV2011 Datasheet
1Mb / 24P
LMV2011 High Precision, Rail-to-Rail Output Operational Amplifier
logo
National Semiconductor ...
LMV2011 NSC-LMV2011_14 Datasheet
1Mb / 24P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMC2001 TI1-LMC2001 Datasheet
655Kb / 15P
High Precision, 6MHz Rail-To-Rail Output Operational Amplifier
LMP2014MT TI1-LMP2014MT Datasheet
1Mb / 21P
Quad High Precision, Rail-to-Rail Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com