Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2011MF Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP2011MF
Description  High Precision, Rail-to-Rail Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP2011MF Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMP2011MF Datasheet HTML 1Page - National Semiconductor (TI) LMP2011MF Datasheet HTML 2Page - National Semiconductor (TI) LMP2011MF Datasheet HTML 3Page - National Semiconductor (TI) LMP2011MF Datasheet HTML 4Page - National Semiconductor (TI) LMP2011MF Datasheet HTML 5Page - National Semiconductor (TI) LMP2011MF Datasheet HTML 6Page - National Semiconductor (TI) LMP2011MF Datasheet HTML 7Page - National Semiconductor (TI) LMP2011MF Datasheet HTML 8Page - National Semiconductor (TI) LMP2011MF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
5V DC Electrical Characteristics Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ =
5V, V
- = 0V, V
CM = 2.5V, VO = 2.5V and RL > 1M
Ω. Boldface limits apply at the temperature extremes. (Continued)
Symbol
Parameter
Conditions
Min
(Note 3)
Typ
(Note 2)
Max
(Note 3)
Units
I
O
Output Current
Sourcing, V
O =0V
V
IN(diff) = ±0.5V
15
8
6
mA
Sinking, V
O =5V
V
IN(diff) = ±0.5V
17
8
6
R
OUT
Output Impedance
Ω
I
S
Supply Current per Channel
0.930
1.20
1.50
mA
5V AC Electrical Characteristics T
J = 25˚C, V
+ = 5V, V - = 0V, V
CM = 2.5V, VO = 2.5V, and RL >
1M
Ω. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 3)
Typ
(Note 2)
Max
(Note 3)
Units
GBW
Gain-Bandwidth Product
3
MHz
SR
Slew Rate
4
V/µs
θ
m
Phase Margin
60
deg
G
m
Gain Margin
−15
dB
e
n
Input-Referred Voltage Noise
35
nV/
i
n
Input-Referred Current Noise
pA/
e
np-p
Input-Referred Voltage Noise
R
S = 100
Ω,DCto10Hz
850
nV
pp
t
rec
Input Overload Recovery Time
50
ms
t
S
Output Settling time
A
V = +1, RL =2 k
Ω
1V Step
1%
ns
0.1%
0.01%
A
V = −1, RL =2 k
Ω
1V Step
1%
0.1%
0.01%
Note 1: Absolute Maximum Ratings indicate limits beyond which damage may occur. Operating Ratings indicate conditions for which the device is intended to be
functional, but specific performance is not guaranteed. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: Typical values represent the most likely parametric norm.
Note 3: Limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlations using statistical quality control
(SQC) method.
Ordering Information
Package
Part Number
Temperature
Range
Package Marking
Transport Media
NSC Drawing
5-Pin
SOT23
LMP2011MF
−40˚C to 125˚C
AN1A
1k Units Tape and Reel
MF05A
LMP2011MFX
3k Units Tape and Reel
8-Pin
MSOP
LMP2012MM
AP1A
1k Units Tape and Reel
MUA08A
LMP2012MMX
3.5k Units Tape and Reel
8-Pin
SOIC
LMP2011MA
LMP2011MA
95 Units/Rail
M08A
LMP2011MAX
2.5k Units Tape and Reel
14-Pin
LLP
LMP2014SD
P2014SD
250 Units Tape and Reel
SRC14A
LMP2014SDX
2.5 Units Tape and Reel
14-Pin
TSSOP
LMP2014MT
0˚C to 70˚C
LMP2014MT
94 Units/Rail
MTC14
LMP2014MTX
2.5k Units Tape and Reel
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com