Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV2011 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV2011
Description  High Precision, Rail-to-Rail Output Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV2011 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMV2011 Datasheet HTML 7Page - National Semiconductor (TI) LMV2011 Datasheet HTML 8Page - National Semiconductor (TI) LMV2011 Datasheet HTML 9Page - National Semiconductor (TI) LMV2011 Datasheet HTML 10Page - National Semiconductor (TI) LMV2011 Datasheet HTML 11Page - National Semiconductor (TI) LMV2011 Datasheet HTML 12Page - National Semiconductor (TI) LMV2011 Datasheet HTML 13Page - National Semiconductor (TI) LMV2011 Datasheet HTML 14Page - National Semiconductor (TI) LMV2011 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Application Information (Continued)
LMV2011 AS ADC INPUT AMPLIFIER
The LMV2011 is a great choice for an amplifier stage imme-
diately before the input of an ADC (Analog-to-Digital Con-
verter), whether AC or DC coupled. See Figure 7 and Figure
8. This is because of the following important characteristics:
A) Very low offset voltage and offset voltage drift over time
and temperature allow a high closed-loop gain setting
without introducing any short-term or long-term errors.
For example, when set to a closed-loop gain of 100 as
the analog input amplifier for a 12-bit A/D converter, the
overall conversion error over full operation temperature
and 30 years life of the part (operating at 50˚C) would be
less than 5 LSBs.
B) Fast large-signal settling time to 0.01% of final value
(1.4µs) allows 12 bit accuracy at 100KH
Z or more sam-
pling rate.
C) No flicker (1/f) noise means unsurpassed data accuracy
over any measurement period of time, no matter how
long. Consider the following opamp performance, based
on a typical low-noise, high-performance commercially-
available device, for comparison:
Opamp flatband noise = 8nV/
1/f corner frequency = 100Hz
A
V = 2000
Measurement time = 100 sec
Bandwidth = 2Hz
This example will result in about 2.2 mV
PP (1.9 LSB) of
output noise contribution due to the opamp alone, com-
pared to about 594µV
PP (less than 0.5 LSB) when that
opamp is replaced with the LMV2011 which has no 1/f
contribution. If the measurement time is increased from
100 seconds to 1 hour, the improvement realized by
using the LMV2011 would be a factor of about 4.8 times
(2.86mV
PP compared to 596µV when LMV2011 is used)
mainly because the LMV2011 accuracy is not compro-
mised by increasing the observation time.
D) Copper leadframe construction minimizes any thermo-
couple effects which would degrade low level/high gain
data conversion application accuracy (see discussion
under "The Benefits of the LMV2011" section above).
E) Rail-to-Rail output swing maximizes the ADC dynamic
range in 5-Volt single-supply converter applications. Be-
low are some typical block diagrams showing the
LMV2011 used as an ADC amplifier (Figure 7 and Figure
8).
20051522
FIGURE 8.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com