Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV2011 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV2011
Description  High Precision, Rail-to-Rail Output Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV2011 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV2011 Datasheet HTML 1Page - National Semiconductor (TI) LMV2011 Datasheet HTML 2Page - National Semiconductor (TI) LMV2011 Datasheet HTML 3Page - National Semiconductor (TI) LMV2011 Datasheet HTML 4Page - National Semiconductor (TI) LMV2011 Datasheet HTML 5Page - National Semiconductor (TI) LMV2011 Datasheet HTML 6Page - National Semiconductor (TI) LMV2011 Datasheet HTML 7Page - National Semiconductor (TI) LMV2011 Datasheet HTML 8Page - National Semiconductor (TI) LMV2011 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LMV2011
High Precision, Rail-to-Rail Output Operational Amplifier
General Description
The LMV2011 is a new precision amplifier that offers unprec-
edented accuracy and stability at an affordable price and is
offered in miniature (SOT23-5) package and in 8 lead SOIC
package. This device utilizes patented techniques to mea-
sure and continually correct the input offset error voltage.
The result is an amplifier which is ultra stable over time and
temperature. It has excellent CMRR and PSRR ratings, and
does not exhibit the familiar 1/f voltage and current noise
increase that plagues traditional amplifiers. The combination
of the LMV2011 characteristics makes it a good choice for
transducer amplifiers, high gain configurations, ADC buffer
amplifiers, DAC I-V conversion, and any other 2.7V-5V ap-
plication requiring precision and long term stability.
Other useful benefits of the LMV2011 are rail-to-rail output, a
low supply current of 930µA, and wide gain-bandwidth prod-
uct of 3MHz. These extremely versatile features found in the
LMV2011 provide high performance and ease of use.
Features
(For Vs = 5V, Typical unless otherwise noted)
n
Low Guaranteed V
os over temperature
35µV
n
Low Noise with no 1/f
35nV/
n
High CMRR
130dB
n
High PSRR
120dB
n
High A
VOL
130dB
n
Wide gain-bandwidth product
3MHz
n
High slew rate
4V/µs
n
Low supply current
930µA
n
Rail-to-rail output
30mV
n
No external capacitors required
Applications
n
Precision Instrumentation Amplifiers
n
Thermocouple Amplifiers
n
Strain Gauge Bridge Amplifier
Connection Diagrams
5-Pin SOT23
8-Pin SOIC
20051502
Top View
20051538
Top View
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
5-Pin SOT23
LMV2011MF
A84A
1k Units Tape and Reel
MF05A
LMV2011MFX
3k Units Tape and Reel
8-Pin SOIC
LMV2011MA
LMV2011MA
95 Units/Rail
M08A
LMV2011MAX
2.5k Units Tape and Reel
April 2004
© 2004 National Semiconductor Corporation
DS200515
www.national.com


Similar Part No. - LMV2011

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV2011 TI-LMV2011 Datasheet
1Mb / 24P
LMV2011 High Precision, Rail-to-Rail Output Operational Amplifier
logo
National Semiconductor ...
LMV2011 NSC-LMV2011 Datasheet
485Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMV2011 TI2-LMV2011 Datasheet
1Mb / 28P
LMV2011 High Precision, Rail-to-Rail Output Operational Amplifier
REVISED MARCH 2013
logo
National Semiconductor ...
LMV2011MA NSC-LMV2011MA Datasheet
485Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMV2011MA TI-LMV2011MA Datasheet
1Mb / 24P
LMV2011 High Precision, Rail-to-Rail Output Operational Amplifier
More results

Similar Description - LMV2011

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2011 NSC-LMP2011 Datasheet
688Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Intersil Corporation
LMP2015 INTERSIL-LMP2015 Datasheet
511Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
December 18, 2007
logo
National Semiconductor ...
LMP2014MT NSC-LMP2014MT_05 Datasheet
978Kb / 14P
Quad High Precision, Rail-to-Rail Output Operational Amplifier
LMP2011 NSC-LMP2011_08 Datasheet
502Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMP2012QML NSC-LMP2012QML Datasheet
326Kb / 12P
Dual High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011_08 Datasheet
485Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMV2011 TI-LMV2011 Datasheet
1Mb / 24P
LMV2011 High Precision, Rail-to-Rail Output Operational Amplifier
logo
National Semiconductor ...
LMV2011 NSC-LMV2011_14 Datasheet
1Mb / 24P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMC2001 TI1-LMC2001 Datasheet
655Kb / 15P
High Precision, 6MHz Rail-To-Rail Output Operational Amplifier
LMP2014MT TI1-LMP2014MT Datasheet
1Mb / 21P
Quad High Precision, Rail-to-Rail Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com