Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV2011 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV2011
Description  High Precision, Rail-to-Rail Output Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV2011 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV2011 Datasheet HTML 1Page - National Semiconductor (TI) LMV2011 Datasheet HTML 2Page - National Semiconductor (TI) LMV2011 Datasheet HTML 3Page - National Semiconductor (TI) LMV2011 Datasheet HTML 4Page - National Semiconductor (TI) LMV2011 Datasheet HTML 5Page - National Semiconductor (TI) LMV2011 Datasheet HTML 6Page - National Semiconductor (TI) LMV2011 Datasheet HTML 7Page - National Semiconductor (TI) LMV2011 Datasheet HTML 8Page - National Semiconductor (TI) LMV2011 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance
Human Body Model
2000V
Machine Model
200V
Supply Voltage
5.5V
Common-Mode Input Voltage
−0.3
≤ V
CM
≤ V
CC +0.3V
Differential Input Voltage
± Supply Voltage
Current At Input Pin
30mA
Current At Output Pin
30mA
Current At Power Supply Pin
50mA
Junction Temperature (T
J)
150˚C
Lead Temperature (soldering
10 sec.)
+300˚C
Operating Ratings (Note 1)
Supply Voltage
2.7V to 5.25V
Storage Temperature Range
−65˚C to 150˚C
Operating Temperature Range
0˚C to 70˚C
2.7V DC Electrical Characteristics Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+
= 2.7V, V
- = 0V, V
CM = 1.35V, VO = 1.35V and RL > 1M
Ω. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OS
Input Offset Voltage
0.8
25
35
µV
Offset Calibration Time
0.5
10
12
ms
TCV
OS
Input Offset Voltage
0.015
µV/˚C
Long-Term Offset Drift
0.006
µV/month
Lifetime V
OS Drift
2.5
5
µV
I
IN
Input Current
-3
pA
I
OS
Input Offset Current
6
pA
R
IND
Input Differential Resistance
9
M
Ω
CMRR
Common Mode Rejection
Ratio
−0.3
≤ V
CM
≤ 0.9V
0
≤ V
CM
≤ 0.9V
130
95
90
dB
PSRR
Power Supply Rejection
Ratio
2.7V
≤ V+ ≤ 5V
120
95
90
dB
A
VOL
Open Loop Voltage Gain
R
L = 10k
Ω
130
95
90
dB
R
L =2k
Ω
124
90
85
V
O
Output Swing
R
L = 10k
Ω to 1.35V
V
IN(diff) = ±0.5V
2.665
2.655
2.68
V
0.033
0.060
0.075
R
L =2k
Ω to 1.35V
V
IN(diff) = ±0.5V
2.630
2.615
2.65
V
0.061
0.085
0.105
I
O
Output Current
Sourcing, V
O =0V
V
IN(diff) = ±0.5V
12
5
3
mA
Sinking, V
O =5V
V
IN(diff) = ±0.5V
18
5
3
R
OUT
Output Impedance
0.05
Ω
I
S
Supply Current
0.919
1.20
1.50
mA
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com