Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG2112 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LOG2112
Description  LOGARITHMIC AND LOG RATIO AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG2112 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LOG2112 Datasheet HTML 2Page - Texas Instruments LOG2112 Datasheet HTML 3Page - Texas Instruments LOG2112 Datasheet HTML 4Page - Texas Instruments LOG2112 Datasheet HTML 5Page - Texas Instruments LOG2112 Datasheet HTML 6Page - Texas Instruments LOG2112 Datasheet HTML 7Page - Texas Instruments LOG2112 Datasheet HTML 8Page - Texas Instruments LOG2112 Datasheet HTML 9Page - Texas Instruments LOG2112 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LOG112, 2112
6
SBOS246C
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = ±5V, and RL = 10kΩ, unless otherwise noted.
MINIMUM VALUE OF COMPENSATION CAPACITOR
100M
10M
1M
100k
10k
1k
100
10
1
100pA
1nA
10nA 100nA
1
µA10µA 100µA 1mA 10mA
I
2
I
1 = 100pA
I
1 = 1nA
I
1 = 10nA
I
1 = 100nA
1
µA
I
1 = 10µA
100
µA
1mA
Select C
C for I1 min.
and I
2 max. Values
below 2pF may be ignored.
3dB FREQUENCY RESPONSE
0.1
1M
100k
10k
1k
100
10
1
100
µA
100
µA
1mA
I
1 = 1mA
1
µA
1mA
to 10
µA
100nA
10nA
I
1 = 1nA
10nA
C C
= 1000pF
C C
= 1
µF
10µ
A to
1µ
A
C C
= 10pF
1nA
100
µA
100pA
1nA
10nA
100nA
1
µA10µA 100µA
1mA
I
2
1
µA
10
µA
100
µA
I
1 = 1nA
10nA
17
15
13
11
9
7
5
3
1
–1
Input Current (I
1 or I2)
LOG CONFORMITY vs INPUT CURRENT
+85
°C
+75
°C
–40
°C to +25°C
100pA
1nA
10nA
100nA
1
µA10µA 100µA1mA
LOG CONFORMITY vs TEMPERATURE
700
600
500
400
300
200
100
0
–40
–20
0
20
40
60
80
Temperature (
°C)
7.5 Decade
7 Decade
6 Decade 5 Decade



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com