Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG2112 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LOG2112
Description  LOGARITHMIC AND LOG RATIO AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG2112 Datasheet(HTML) 1 Page - Texas Instruments

  LOG2112 Datasheet HTML 1Page - Texas Instruments LOG2112 Datasheet HTML 2Page - Texas Instruments LOG2112 Datasheet HTML 3Page - Texas Instruments LOG2112 Datasheet HTML 4Page - Texas Instruments LOG2112 Datasheet HTML 5Page - Texas Instruments LOG2112 Datasheet HTML 6Page - Texas Instruments LOG2112 Datasheet HTML 7Page - Texas Instruments LOG2112 Datasheet HTML 8Page - Texas Instruments LOG2112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LOG112
LOG2112
SBOS246C – JUNE 2002 – REVISED APRIL 2003
www.ti.com
DESCRIPTION
The LOG112 and LOG2112 are versatile integrated circuits
that compute the logarithm or log ratio of an input current
relative to a reference current. VLOGOUT of the LOG112 and
LOG2112 are trimmed to 0.5V per decade of input current,
ensuring high precision over a wide dynamic range of input
signals.
The LOG112 and LOG2112 features a 2.5V voltage refer-
ence that may be used to generate a precision current
reference using an external resistor.
Low DC offset voltage and temperature drift allow accurate
measurement of low-level signals over the specified tem-
perature range of –5
°C to +75°C.
FEATURES
q EASY-TO-USE COMPLETE FUNCTION
q OUTPUT SCALING AMPLIFIER
q ON-CHIP 2.5V VOLTAGE REFERENCE
q HIGH ACCURACY: 0.2% FSO Over 5 Decades
q WIDE INPUT DYNAMIC RANGE:
7.5 Decades, 100pA to 3.5mA
q LOW QUIESCENT CURRENT: 1.75mA
q WIDE SUPPLY RANGE:
±4.5V to ±18V
q PACKAGES: SO-14 (narrow) and SO-16
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2002-2003, Texas Instruments Incorporated
Precision
LOGARITHMIC AND LOG RATIO AMPLIFIERS
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
APPLICATIONS
q LOG, LOG RATIO:
Communication, Analytical, Medical, Industrial,
Test, General Instrumentation
q PHOTODIODE SIGNAL COMPRESSION AMP
q ANALOG SIGNAL COMPRESSION IN FRONT
OF ANALOG-TO-DIGITAL (A/D) CONVERTER
q ABSORBANCE MEASUREMENT
q OPTICAL DENSITY MEASUREMENT
LOG1
12
LOG2
112
A
2
A
1
Q
1
Q
2
C
C
I
1
V
REF – GND
NOTE: Internal resistors are used to compensate gain change over temperature.
The V
CM pin is internally connected to GND in the LOG2112.
V
O3
V+
GND
LOG112
V
LOGOUT = (0.5V)LOG (I1/I2)
V
O3 = K (0.5V)LOG (I1/I2), K = 1 + R2/R1
A
3
R
2
R
1
V
REF
R
REF
+IN3
V
LOGOUT
–IN3
V–
V
CM
I
2
V
REF


Similar Part No. - LOG2112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LOG2112 TI-LOG2112 Datasheet
761Kb / 20P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIERS
LOG2112 TI-LOG2112 Datasheet
761Kb / 20P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIERS
LOG2112 TI2-LOG2112 Datasheet
1Mb / 25P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIERS
REVISED APRIL 2005
LOG2112A TI2-LOG2112A Datasheet
1Mb / 25P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIERS
REVISED APRIL 2005
LOG2112AIDW TI-LOG2112AIDW Datasheet
761Kb / 20P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIERS
More results

Similar Description - LOG2112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LOG102 TI-LOG102 Datasheet
247Kb / 13P
LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG104 TI-LOG104 Datasheet
273Kb / 13P
LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Burr-Brown (TI)
LOG101 BURR-BROWN-LOG101 Datasheet
281Kb / 13P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Texas Instruments
LOG112AIDE4 TI-LOG112AIDE4 Datasheet
761Kb / 20P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIERS
LOG112AIDRE4 TI-LOG112AIDRE4 Datasheet
761Kb / 20P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIERS
logo
Burr-Brown (TI)
LOG101AIDE4 BURR-BROWN-LOG101AIDE4 Datasheet
618Kb / 16P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
logo
Texas Instruments
LOG101AIDE4 TI-LOG101AIDE4 Datasheet
608Kb / 16P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG100 TI1-LOG100 Datasheet
118Kb / 11P
LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG102 TI1-LOG102_16 Datasheet
1Mb / 19P
LOGARITHMIC AND LOG RATIO AMPLIFIER
LOG104 TI1-LOG104_14 Datasheet
296Kb / 15P
LOGARITHMIC AND LOG RATIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com