Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG2112 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LOG2112
Description  LOGARITHMIC AND LOG RATIO AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG2112 Datasheet(HTML) 3 Page - Texas Instruments

  LOG2112 Datasheet HTML 1Page - Texas Instruments LOG2112 Datasheet HTML 2Page - Texas Instruments LOG2112 Datasheet HTML 3Page - Texas Instruments LOG2112 Datasheet HTML 4Page - Texas Instruments LOG2112 Datasheet HTML 5Page - Texas Instruments LOG2112 Datasheet HTML 6Page - Texas Instruments LOG2112 Datasheet HTML 7Page - Texas Instruments LOG2112 Datasheet HTML 8Page - Texas Instruments LOG2112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LOG112, 2112
3
SBOS246C
www.ti.com
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = –5°C to +75°C.
At TA = +25°C, VS = ±5V, and ROUT = 10kΩ, unless otherwise noted.
LOG112, LOG2112
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
CORE LOG FUNCTION
VIN /VOUT Equation
VLOGOUT = (0.5V)LOG (I1/I2)V
LOG CONFORMITY ERROR(1)
Initial
1nA to 100
µA (5 decades)
0.01
0.2
%
100pA to 3.5mA (7.5 decades)
0.13
%
over Temperature
1nA to 100
µA (5 decades)
0.0001
%/
°C
100pA to 3.5mA (7.5 decades)
0.005
%/
°C
GAIN(2)
Initial Value
1nA to 100
µA
0.5
V/decade
Gain Error
1nA to 100
µA
0.10
±1%
vs Temperature
TMIN to TMAX
0.003
0.01
%/
°C
INPUT, A1A and A1B, A2A, A2B
Offset Voltage
±0.3
±1.5
mV
vs Temperature
TMIN to TMAX
±2
µV/
°C
vs Power Supply (PSRR)
VS = ±4.5V to ±18V
5
20
µV/V
Input Bias Current
±5pA
vs Temperature
TMIN to TMAX
Doubles Every 10
°C
Voltage Noise
f = 10Hz to 10kHz
3
µVrms
f = 1kHz
30
nV/
√Hz
Current Noise
f = 1kHz
4
fA/
√Hz
Common-Mode Voltage Range (Positive)
(V+) – 2
(V+) – 1.5
V
(Negative)
(V–) + 2
(V–) + 1.2
V
Common-Mode Rejection Ratio (CMRR)
10
µV/V
OUTPUT, (VLOG OUT) A2A, A2B
Output Offset, VOSO, Initial
±3
±15
mV
vs Temperature
TMIN to TMAX
±10
µV/°C
Full-Scale Output (FSO)
VS = ±5V
(V–) + 1.2
(V+) – 1.5
V
Short-Circuit Current
±18
mA
TOTAL ERROR(3)(4)
I1 or I2 remains fixed while other varies.
Initial
Min to Max
I1 or I2 = 5mA (VS ≥ ±6V)
±150
mV
I1 or I2 = 3.5mA
±75
mV
I1 or I2 = 1mA
±20
mV
I1 or I2 = 100µA
±20
mV
I1 or I2 = 10µA
±20
mV
I1 or I2 = 1µA
±20
mV
I1 or I2 = 100nA
±20
mV
I1 or I2 = 10nA
±20
mV
I1 or I2 = 1nA
±20
mV
I1 or I2 = 350pA
±20
mV
I1 or I2 = 100pA
±20
mV
vs Temperature
I1 or I2 = 3.5mA
±1.2
mV/
°C
I1 or I2 = 1mA
±0.4
mV/
°C
I1 or I2 = 100µA
±0.1
mV/
°C
I1 or I2 = 10µA
±0.05
mV/
°C
I1 or I2 = 1µA
±0.05
mV/
°C
I1 or I2 = 100nA
±0.09
mV/
°C
I1 or I2 = 10nA
±0.2
mV/
°C
I1 or I2 = 1nA
±0.3
mV/
°C
I1 or I2 = 350pA
±0.1
mV/
°C
I1 or I2 = 100pA
±0.3
mV/
°C
vs Supply
I1 or I2 = 3.5mA
±3.0
mV/ V
I1 or I2 = 1mA
±0.1
mV/ V
I1 or I2 = 100µA
±0.1
mV/ V
I1 or I2 = 10µA
±0.1
mV/ V
I1 or I2 = 1µA
±0.1
mV/ V
I1 or I2 = 100nA
±0.1
mV/ V
I1 or I2 = 10nA
±0.1
mV/ V
I1 or I2 = 1nA
±0.25
mV/V
I1 or I2 = 350pA
±0.1
mV/ V
I1 or I2 = 100pA
±0.1
mV/ V
NOTES: (1) Log Conformity Error is the peak deviation from the best-fit-straight line of VO versus LOG (I1/I2) curve expressed as a percent of peak-to-peak full-
scale output. K, scale factor, equals 0.5V output per decade of input current. (2) Scale factor of core log function is trimmed to 0.5V output per decade change of
input current. (3) Worst-case Total Error for any ratio of I1/I2, as the largest of the two errors, when I1 and I2 are considered separately. (4) Total Error includes offset
voltage, bias current, gain, and log conformity. (5) Bandwidth (3dB) and transient response are a function of both the compensation capacitor and the level of input
current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com