Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1737IGN Datasheet(PDF) 20 Page - Linear Technology

Part # LT1737IGN
Description  High Power Isolated Flyback Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1737IGN Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1737IGN Datasheet HTML 16Page - Linear Technology LT1737IGN Datasheet HTML 17Page - Linear Technology LT1737IGN Datasheet HTML 18Page - Linear Technology LT1737IGN Datasheet HTML 19Page - Linear Technology LT1737IGN Datasheet HTML 20Page - Linear Technology LT1737IGN Datasheet HTML 21Page - Linear Technology LT1737IGN Datasheet HTML 22Page - Linear Technology LT1737IGN Datasheet HTML 23Page - Linear Technology LT1737IGN Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20
LT1737
1737f
APPLICATIO S I FOR ATIO
the power paths (primary
and secondary). B field (mag-
netic) radiation is minimized by keeping MOSFET leads,
output diode and output bypass capacitor leads as short
as possible. E field radiation is kept low by minimizing the
length and area of all similar traces. A ground plane
should always be used under the switcher circuitry to
prevent interplane coupling.
The high speed switching current paths are shown sche-
matically in Figure 7. Minimum lead length in these paths
are essential to ensure clean switching and minimal EMI.
The path containing the input capacitor, transformer pri-
mary and MOSFET, and the path containing the trans-
former secondary, output diode and output capacitor
contain “nanosecond” rise and fall times. Keep these
paths as short as possible.
GATE DRIVE RESISTOR CONSIDERATIONS
The gate drive circuitry internal to the LT1737 has been
designed to have as low an output impedance as practi-
cally possible—only a few ohms. A strong L/C resonance
is potentially presented by the inductance of the path
leading to the gate of the power MOSFET and its overall
gate capacitance. For this reason the path from the GATE
package pin to the physical MOSFET gate should be kept
as short as possible, and good layout/ground plane prac-
tice used to minimize the parasitic inductance.
An explicit series gate drive resistor may be useful in some
applications to damp out this potential L/C resonance
(typically tens of MHz). A minimum value of perhaps
several ohms is suggested, and higher values (typically a
few tens of ohms) will offer increased damping. However,
as this resistor value becomes too large, gate voltage rise
time will increase to unacceptable levels, and efficiency
will suffer due to the sluggish switching action.
Figure 7. High Speed Current Switching Paths
+
+
PGND
GATE
1737 F07
GATE
DISCHARGE
PATH
GATE
CHARGE
PATH
PRIMARY
POWER
PATH
SECONDARY
POWER
PATH
VCC
VCC
VIN
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com