Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1737IGN Datasheet(PDF) 25 Page - Linear Technology

Part # LT1737IGN
Description  High Power Isolated Flyback Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1737IGN Datasheet(HTML) 25 Page - Linear Technology

Back Button LT1737IGN Datasheet HTML 20Page - Linear Technology LT1737IGN Datasheet HTML 21Page - Linear Technology LT1737IGN Datasheet HTML 22Page - Linear Technology LT1737IGN Datasheet HTML 23Page - Linear Technology LT1737IGN Datasheet HTML 24Page - Linear Technology LT1737IGN Datasheet HTML 25Page - Linear Technology LT1737IGN Datasheet HTML 26Page - Linear Technology LT1737IGN Datasheet HTML 27Page - Linear Technology LT1737IGN Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
25
LT1737
1737f
therefore requires a physically larger transformer. The larg-
est size VERSA-PAC is used, a VP5-0083. Three windings
are paralleled for both the primary and secondary.
Overall power supply efficiency and output regulation ver-
sus load current at the nominal VIN = 5V may be seen in
Figures 16 and 17.
TYPICAL APPLICATIO S
NONISOLATED APPLICATION
While the LT1737 was designed to serve isolated flyback
applications, it is useful to note that it is also capable of
supporting nonisolated applications. These are performed
by providing a continuous pseudo-DC feedback signal to
the FB pin. (The part behaves as if the flyback waveform
is infinitely long.) Figure 18 demonstrates just such a
system.
A SEPIC topology is shown whereby a 8V to 16V input is
converted to a nonisolated 12V output. A conventional
resistive feedback divider, R3/R4 drives the FB pin. (Ca-
pacitor C7 serves to filter out high frequency ripple in the
output voltage.) A combination of an R/C network (R11/
C5) in parallel with a single capacitor (C9) on the VC node
provides the required loop compensation. The load com-
pensation function is unwanted, so the ROCMP pin is left
open and the RCMPC pin is grounded. An LT1121 low
dropout regulator is programmed to a nominal 8.25V
output by the R12/R13 resistor divider, and this allows the
LT1737 to drive M1, a logic level MOSFET. Minimum on
time programming resistor R5 is set to 33k to minimize the
required output preload. Minimum enable time has no
direct effect on steady state operation, but programming
resistor R7 has been set to 100k for rapid start-up. Enable
delay resistor is similarly set to 24k.
Overall power supply efficiency versus input voltage and
load current may be seen in Figure 19. Because this
application example utilizes a nonisolated topology, load
regulation is not an issue. It is typically 0.2% (25mV) from
no load to full load.
Other nonisolated switching topologies may be similarly
implemented. For example, Boost and NonIsolated Fly-
back readily suggest themselves. (A Nonisolated Flyback
topology also can be used to generate a
negative output
voltage. In this case, the feedback is a dynamic waveform
derived from the primary side of the transformer, similar
to an isolated LT1737 application.)
0.01
60
70
80
90
0.1
1
10
1737 F16
50
40
30
20
ILOAD (A)
Figure 16. Efficiency vs ILOAD
ILOAD (A)
0
5.00
4
1737 F17
4.75
1
2
3
5.25
Figure 17. Load Regulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com