Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1737IGN Datasheet(PDF) 22 Page - Linear Technology

Part # LT1737IGN
Description  High Power Isolated Flyback Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1737IGN Datasheet(HTML) 22 Page - Linear Technology

Back Button LT1737IGN Datasheet HTML 18Page - Linear Technology LT1737IGN Datasheet HTML 19Page - Linear Technology LT1737IGN Datasheet HTML 20Page - Linear Technology LT1737IGN Datasheet HTML 21Page - Linear Technology LT1737IGN Datasheet HTML 22Page - Linear Technology LT1737IGN Datasheet HTML 23Page - Linear Technology LT1737IGN Datasheet HTML 24Page - Linear Technology LT1737IGN Datasheet HTML 25Page - Linear Technology LT1737IGN Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
LT1737
1737f
TYPICAL APPLICATIO S
Overall power supply efficiency and output regulation
versus input voltage and load current may be seen in
Figures 9 and 10. Available output current is a function of
input voltage, varying from 650mA with 8V input to
1100mA with 25V input.
In cases when the output switching noise is objectionable,
the optional output L/C filter shown may be added. The
oscilloscope photos in Figure 11 show the dramatic reduc-
tion in output voltage ripple with the optional filter.
Note: It is theoretically possible to extend the input voltage
range of this topology higher by raising the breakdown
voltage ratings on Q1, U2 and M1, while adjusting the
transformer windings as necessary. However this ap-
proach is generally undesirable as the relatively fixed
supply current required by the LT1737 generates more
and more wasted heat in linear regulator U2 as input
voltage is increased. The LT1725, a close “cousin” of the
LT1737 is recommended in such instances.
The LT1725 is very similar to the LT1737, but it contains
an integral wide hysteresis undervoltage lockout (UVLO)
circuit that monitors the VCC voltage. When used in
conjunction with a 3-winding transformer to provide both
device power and output voltage feedback information,
this allows for a “trickle charge” start-up from an input
voltage of up to hundreds of volts. The LT1725 is thus well
suited to operate from “telecom” input voltages of 48V to
72V, or even offline inputs up to several hundred volts! See
the LT1725 data sheet for further information.
ILOAD (A)
20
50
40
30
90
80
70
60
1737 F09
0.01
1
0.1
VIN = 8V
VIN = 15V
VIN = 25V
ILOAD (mA)
0
5.00
VIN = 8V
1000
1737 F10
4.75
250
500
750
1250
5.25
VIN = 15V
VIN = 25V
Figure 9. Efficiency vs ILOAD
Figure 10. Output Regulation
50mV/DIV
AC COUPLED
VIN = 15V
1
µs/DIV
1737 F11a
ILOAD = 900mA
20MHz BANDWIDTH LIMITED
Without L/C Filter
50mV/DIV
AC COUPLED
VIN = 15V
1
µs/DIV
1737 F11b
ILOAD = 900mA
20MHz BANDWIDTH LIMITED
With L/C Filter
Figure 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com