Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AF511AL70MC6T Datasheet(PDF) 8 Page - STMicroelectronics

Part # M68AF511AL70MC6T
Description  4 Mbit (512K x8), 5V Asynchronous SRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF511AL70MC6T Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M68AF511AL70MC6T Datasheet HTML 4Page - STMicroelectronics M68AF511AL70MC6T Datasheet HTML 5Page - STMicroelectronics M68AF511AL70MC6T Datasheet HTML 6Page - STMicroelectronics M68AF511AL70MC6T Datasheet HTML 7Page - STMicroelectronics M68AF511AL70MC6T Datasheet HTML 8Page - STMicroelectronics M68AF511AL70MC6T Datasheet HTML 9Page - STMicroelectronics M68AF511AL70MC6T Datasheet HTML 10Page - STMicroelectronics M68AF511AL70MC6T Datasheet HTML 11Page - STMicroelectronics M68AF511AL70MC6T Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
M68AF511A
8/18
OPERATION
The M68AF511A has a Chip Enable power down
feature which invokes an automatic standby mode
whenever Chip Enable is de-asserted (E = High).
An Output Enable (G) signal provides a high
speed tri-state control, allowing fast read/write cy-
cles to be achieved with the common I/O data bus.
Operational modes are determined by device con-
trol inputs W and E as summarized in the Operat-
ing Modes table (Table 6).
Table 6. Operating Modes
Note: X = VIH or VIL.
Read Mode
The M68AF511A is in the Read mode whenever
Write Enable (W) is High with Output Enable (G)
Low, and Chip Enable (E) is asserted. This pro-
vides access to data from eight of the 4,194,304
locations in the static memory array, specified by
the 19 address inputs. Valid data will be available
at the eight output pins within tAVQV after the last
stable address, providing G is Low and E is Low.
If Chip Enable or Output Enable access times are
not met, data access will be measured from the
limiting parameter (tELQV or tGLQV) rather than the
address. Data out may be indeterminate at tELQX
and tGLQX, but data lines will always be valid at
tAVQV.
Figure 7. Address Controlled, Read Mode AC Waveforms
Note: E = Low, G = Low, W = High.
Operation
E
W
G
DQ0-DQ7
Power
Output disabled
VIL
XVIH
Hi-Z
Active (ICC)
Read
VIL
VIH
VIL
Data Output
Active (ICC)
Write
VIL
VIL
X
Data Input
Active (ICC)
Deselect
VIH
X
X
Hi-Z
Standby (ISB)
AI03034
tAVAV
tAVQV
tAXQX
A0-A18
DQ0-DQ7
VALID
DATA VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com