Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AF511AL70MC6T Datasheet(PDF) 17 Page - STMicroelectronics

Part # M68AF511AL70MC6T
Description  4 Mbit (512K x8), 5V Asynchronous SRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF511AL70MC6T Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M68AF511AL70MC6T Datasheet HTML 10Page - STMicroelectronics M68AF511AL70MC6T Datasheet HTML 11Page - STMicroelectronics M68AF511AL70MC6T Datasheet HTML 12Page - STMicroelectronics M68AF511AL70MC6T Datasheet HTML 13Page - STMicroelectronics M68AF511AL70MC6T Datasheet HTML 14Page - STMicroelectronics M68AF511AL70MC6T Datasheet HTML 15Page - STMicroelectronics M68AF511AL70MC6T Datasheet HTML 16Page - STMicroelectronics M68AF511AL70MC6T Datasheet HTML 17Page - STMicroelectronics M68AF511AL70MC6T Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17/18
M68AF511A
REVISION HISTORY
Table 13. Document Revision History
Date
Version
Revision Details
July 2001
-01
First Issue
08-Aug-2001
-02
SO32 Package added
55ns Speed class introduced
Industrial Temperature Range added (Range 6)
27-Sep-2001
-03
Typing error, Table 4, Note 2
18-Oct-2001
-04
SO32 Package Mechanical and Data added
29-Nov-2001
-05
Note Removed from Ordering Information Scheme
08-Jan-2002
-06
PDIP32 package added
Document fully revised
08-Feb-2002
-07
tELQX, tAXQX changed in Read and Standby Mode AC Characteristics Table (Table 7)
tDVEH, tDVWH, tWLWH changed in Write Mode AC Characteristics Table (Table 8)
25-Feb-2002
-08
PDIP32 package removed
Block Diagram clarified (Figure 4)
Absolute Maximum Ratings table clarified (Table 2)
Operating and AC Measurement Conditions table and figure clarified (Table 3, Figure 6)
DC Characteristics table clarified (Table 5)
Read and Standby Mode AC Characteristics table clarified (Table 7)
Write Mode AC Characteristics table clarified (Table 8)
03-Mar-2002
-09
Operating and AC Measurement Conditions table clarified (Table 3)
ICCDR Test Condition clarified (Table 9)
25-Mar-2002
-10
Read and Standby Mode AC Characteristics clarified (Table 7)
Low VCC Data Retention Characteristics clarified (Table 9)
18-Apr-2002
-11
Read and Standby Mode AC Characteristics (Table 7): tPD and tPU clarified
26-Apr-2002
-12
DC Characteristics Table clarified (Table 5)
Write Mode AC Characteristics Table clarified (Table 8)
17-May-2002
-13
ISB and ICCDR values clarified
02-Oct-2002
13.1
Revision numbering modified: a minor revision will be indicated by incrementing the digit
after the dot, and a major revision, by incrementing the digit before the dot (revision
version 013 equals 13.0).
New part number added.
09-Oct-2002
13.2
Datasheet number simplified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com