Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AF511AL70MC6T Datasheet(PDF) 14 Page - STMicroelectronics

Part # M68AF511AL70MC6T
Description  4 Mbit (512K x8), 5V Asynchronous SRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF511AL70MC6T Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M68AF511AL70MC6T Datasheet HTML 10Page - STMicroelectronics M68AF511AL70MC6T Datasheet HTML 11Page - STMicroelectronics M68AF511AL70MC6T Datasheet HTML 12Page - STMicroelectronics M68AF511AL70MC6T Datasheet HTML 13Page - STMicroelectronics M68AF511AL70MC6T Datasheet HTML 14Page - STMicroelectronics M68AF511AL70MC6T Datasheet HTML 15Page - STMicroelectronics M68AF511AL70MC6T Datasheet HTML 16Page - STMicroelectronics M68AF511AL70MC6T Datasheet HTML 17Page - STMicroelectronics M68AF511AL70MC6T Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
M68AF511A
14/18
PACKAGE MECHANICAL
Figure 13. TSOP 32 Type II - 32 lead Plastic Thin Small Outline Type II, Package Outline
Note: Drawing is not to scale.
Table 10. TSOP 32 Type II - 32 lead Plastic Thin Small Outline Type II, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.20
0.047
A1
0.05
0.15
0.002
0.006
A2
0.95
1.05
0.037
0.041
b
0.30
0.52
0.012
0.020
C
0.12
0.21
0.005
0.008
CP
0.10
0.004
D
20.82
21.08
0.820
0.830
e
1.27
–
–
0.050
–
–
E
11.56
11.96
0.455
0.471
E1
10.03
10.29
0.395
0.405
L
0.40
0.60
0.016
0.024
α
0°
5°
0°
5°
N32
32
TSOP-e
N
1
CP
A
L
A1
α
N/2
D
e
b
E1
E
C
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com