Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8540EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8540EEE
Description  Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8540EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8540EEE Datasheet HTML 1Page - Maxim Integrated Products MAX8540EEE Datasheet HTML 2Page - Maxim Integrated Products MAX8540EEE Datasheet HTML 3Page - Maxim Integrated Products MAX8540EEE Datasheet HTML 4Page - Maxim Integrated Products MAX8540EEE Datasheet HTML 5Page - Maxim Integrated Products MAX8540EEE Datasheet HTML 6Page - Maxim Integrated Products MAX8540EEE Datasheet HTML 7Page - Maxim Integrated Products MAX8540EEE Datasheet HTML 8Page - Maxim Integrated Products MAX8540EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX8540/MAX8541 pulse-width-modulated (PWM)
controllers for forward/flyback isolated DC-to-DC convert-
ers provide maximum flexibility to power-supply design-
ers and reduce external component count. These
controllers allow common PC board layout for current-
mode (MAX8540) and voltage-mode (MAX8541) designs.
Both controllers feature adjustable switching frequency
and external synchronization from 200kHz to 1MHz.
Active-high and active-low enable, undervoltage pro-
tection (UVP), and overvoltage protection (OVP) reduce
external component count.
Maximum duty cycle is adjustable, and the feed-forward
function scales the maximum duty cycle with input volt-
age to limit the maximum volt-seconds applied to the
transformer primary. The MAX8540 allows the user to
select the value of slope compensation to further opti-
mize magnetics design. The MAX8541 features user-
adjustable ramp magnitude for the PWM comparator.
A cycle-by-cycle current-limit function controls the peak
primary current during overload and short circuit. Both
controllers can be set to latch off or to hiccup when a
short circuit is detected. The number of current-limited
cycles to initiate the hiccup mode and number of
cycles skipped are user selectable to allow startup with
high-capacitance loads and protect the converter
against sustained short circuits.
The MAX8540/MAX8541 feature 9
Ω internal gate dri-
vers for low-power applications and are compatible
with external gate drivers for high-power applications.
Both devices are available in the space-saving 16-pin
QSOP package.
The MAX8541 EV kit evaluates the MAX8540 and the
MAX8541 to speed designs. Design examples are also
available in application notes: 50W Voltage-Mode
Forward Converter Design with the MAX8541 and 50W
Current-Mode Forward Converter Design with the
MAX8540.
Applications
Isolated DC-to-DC Modules (Bricks)
Cellular Base Stations
Telecom and Network Systems
High-Performance Off-Line AC/DC Converters
Features
o 200kHz to 1MHz Adjustable Switching Frequency
o Synchronization to External Clock
o Programmable, Constant Maximum Volt-Second
Simplifies Transformer Design
o Programmable Hiccup/Skip Cycles or Latch-Mode
Protection
o Clean Startups with High-Capacitance Loads
o Programmable Under/Overvoltage Protection
o Current-Mode, Adjustable Slope Compensation
(MAX8540)
o Voltage-Mode, Adjustable Ramp Magnitude
(MAX8541)
o 10mA, 5V Regulator
o 75mV to 1.25mV Adjustable Current Limit
Reduces External Components
o Internal Gate Driver for Low-Power Applications
o External Gate Driver for High-Power Applications
Synchronizable, High-Frequency Current- and
Voltage-Mode PWM Controllers for Isolated Supplies
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
REF
VCC
DRV
GND
SKTON
CS
SKTOFF
ILIM
OPTO
TOP VIEW
MAX8540EEE
QSOP
OV
UV
MAXDTY
FREQ/SYNC
SS
EN
SCOMP
Pin Configurations
19-2830; Rev 0; 4/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX8540EEE
-40
°C to +85°C
16 QSOP
MAX8541EEE
-40
°C to +85°C
16 QSOP
Functional Diagrams and Typical Operating Circuit appear
at end of data sheet.
Pin Configurations continued at end of data sheet.


Similar Part No. - MAX8540EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8543 MAXIM-MAX8543 Datasheet
399Kb / 27P
Step-Down Controllers with Prebias Startup, Lossless Sensing, Synchronization, and OVP
Rev 0; 5/04
MAX8543-MAX8544 MAXIM-MAX8543-MAX8544 Datasheet
399Kb / 27P
Step-Down Controllers with Prebias Startup, Lossless Sensing, Synchronization, and OVP
Rev 0; 5/04
MAX8543EEE MAXIM-MAX8543EEE Datasheet
399Kb / 27P
Step-Down Controllers with Prebias Startup, Lossless Sensing, Synchronization, and OVP
Rev 0; 5/04
MAX8544 MAXIM-MAX8544 Datasheet
399Kb / 27P
Step-Down Controllers with Prebias Startup, Lossless Sensing, Synchronization, and OVP
Rev 0; 5/04
MAX8544EEP MAXIM-MAX8544EEP Datasheet
399Kb / 27P
Step-Down Controllers with Prebias Startup, Lossless Sensing, Synchronization, and OVP
Rev 0; 5/04
More results

Similar Description - MAX8540EEE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
CURRENT-MODE PWM CONTROLLERS
logo
Maxim Integrated Produc...
MAX5021 MAXIM-MAX5021 Datasheet
240Kb / 11P
Current-Mode PWM Controllers for Isolated Power Supplies
19-2066; Rev 1; 9/01
MAX5014 MAXIM-MAX5014 Datasheet
319Kb / 14P
Current-Mode PWM Controllers with Integrated Startup Circuit for Isolated Power Supplies
Rev 0; 7/01
MAX5052 MAXIM-MAX5052 Datasheet
349Kb / 13P
Current-Mode PWM Controllers with an Error Amplifier for Isolated/Nonisolated Power Supplies
Rev 1; 11/03
logo
Intersil Corporation
ISL6740IV-T INTERSIL-ISL6740IV-T Datasheet
963Kb / 28P
Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6741IVZ-T INTERSIL-ISL6741IVZ-T Datasheet
963Kb / 28P
Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
logo
Renesas Technology Corp
ISL6740 RENESAS-ISL6740 Datasheet
1Mb / 30P
Flexible Double Ended Voltage and Current Mode PWM Controllers
logo
Maxim Integrated Produc...
MAX5975A MAXIM-MAX5975A Datasheet
2Mb / 20P
Current-Mode PWM Controllers with Frequency Dithering for EMI-Sensitive Power Supplies
Rev 0; 9/10
MAX5974E MAXIM-MAX5974E_V01 Datasheet
1Mb / 22P
Current-Mode PWM Controllers for Low-Cost Flyback Supplies
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com