Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8540EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8540EEE
Description  Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8540EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8540EEE Datasheet HTML 1Page - Maxim Integrated Products MAX8540EEE Datasheet HTML 2Page - Maxim Integrated Products MAX8540EEE Datasheet HTML 3Page - Maxim Integrated Products MAX8540EEE Datasheet HTML 4Page - Maxim Integrated Products MAX8540EEE Datasheet HTML 5Page - Maxim Integrated Products MAX8540EEE Datasheet HTML 6Page - Maxim Integrated Products MAX8540EEE Datasheet HTML 7Page - Maxim Integrated Products MAX8540EEE Datasheet HTML 8Page - Maxim Integrated Products MAX8540EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Synchronizable, High-Frequency Current- and
Voltage-Mode PWM Controllers for Isolated Supplies
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VVCC = 12V, CREF = 1µF, VUV = VOV = VOPTO, VILIM = 2V, RFREQ/SYNC = 32.4k
Ω, CSS = 0.1µF, RMAXDTY = 97.6kΩ, VEN = 0,
RSCOMP = 68k
Ω, RPRAMP = 25kΩ, CSKTON = 0.01µF, CSKTOFF = 0.1µF, VCS = 0.6V, CDRV = 10pF, TA = 0°C to +85°C, unless otherwise
noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ............................................................-0.3V to +20V
OPTO, UV, OV, EN, PRAMP, ILIM, REF to GND ......-0.3V to +6V
SCOMP, FREQ, CS, SKTON, SKTOFF, SS,
MAXDTY to GND .....................................-0.3V to VREF + 0.3V
DRV to GND ................................................-0.3V to VVCC + 0.3V
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C)...........667mW
Operating Temperature Range ...........................-40
°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Operating Voltage Range
(Note 1)
7.6
18.0
V
VCC rising
7.6
8.0
8.4
Undervoltage Lockout
VCC falling
6.6
7.0
7.4
V
Undervoltage Lockout Hysteresis
0.9
1.0
V
No switching
3.5
4.2
Supply Current
VREF is active,
IREF = 0
Switching with no load
5
6.3
mA
Shutdown Current
V EN = 3V
0.5
0.9
mA
REF
Output Voltage
IREF = 0
4.9
5.0
5.1
V
Load Regulation
IREF = 0 to 10 mA
20
50
mV
Line Regulation
VVCC = 8.4V to 18V
5
20
mV
Pulldown Resistor in Shutdown
V EN = 3V
10
30
Ω
UNDERVOLTAGE/OVERVOLTAGE (UV/OV)
VUV rising, 120mV typical hysteresis
1.200
1.250
1.300
UVLO Threshold
VUV falling
1.083
1.128
1.173
V
Input Bias Current
-0.5
+0.01
+0.5
µA
VOV rising, 130mV typical hysteresis
2.9
3.021
3.1
OVLO Threshold
VOV falling
2.778
2.894
3.010
V
EN
Input Low Threshold
VIL
1.2
V
Input High Threshold
VIH
2.6
V
Pullup Current
V EN = 2.6V
5
17
µA
CURRENT LIMIT
VILIM Range
0.075
1.250
V
CS Current-Limit to DRV Turn-Off
Delay
Includes leading-edge blanking time
110
150
ns
Accuracy when VILIM = 0.075V
±10
%
VCS Cycle-by-Cycle Threshold
Voltage
VILIM = 1.250V
1.175
1.250
1.330
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com