Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8540EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8540EEE
Description  Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8540EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8540EEE Datasheet HTML 1Page - Maxim Integrated Products MAX8540EEE Datasheet HTML 2Page - Maxim Integrated Products MAX8540EEE Datasheet HTML 3Page - Maxim Integrated Products MAX8540EEE Datasheet HTML 4Page - Maxim Integrated Products MAX8540EEE Datasheet HTML 5Page - Maxim Integrated Products MAX8540EEE Datasheet HTML 6Page - Maxim Integrated Products MAX8540EEE Datasheet HTML 7Page - Maxim Integrated Products MAX8540EEE Datasheet HTML 8Page - Maxim Integrated Products MAX8540EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Synchronizable, High-Frequency Current- and
Voltage-Mode PWM Controllers for Isolated Supplies
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VVCC = 12V, CREF = 1µF, VUV = VOV = VOPTO, VILIM = 2V, RFREQ/SYNC = 32.4k
Ω, CSS = 0.1µF, RMAXDTY = 97.6kΩ, VEN = 0,
RSCOMP = 68k
Ω, RPRAMP = 25kΩ, CSKTON = 0.01µF, CSKTOFF = 0.1µF, VCS = 0.6V, CDRV = 10pF, TA = 0°C to +85°C, unless otherwise
noted. Typical values are at TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CDRV = 500pF, 90% to 10% of VVCC
27
Fall Time
CDRV = 2000pF, 90% to 10% of VVCC
53
ns
On-Resistance Pullup
9
Ω
On-Resistance Pulldown
7
Ω
SYNC (EXTERNAL FREQUENCY SYNCHRONIZATION)
Frequency Range
Frequency syncs
±30% of frequency set by external R
on FREQ pin
0.2
1.0
MHz
FREQ Input Threshold
(Note 4)
2
3
V
THERMAL SHUTDOWN
Thermal Shutdown
TA rising, 20
°C hysteresis
170
°C
ELECTRICAL CHARACTERISTICS
(VVCC = 12V, CREF = 1µF, VUV = VOV = 2V, RFREQ/SYNC = 32.4k
Ω, CSS = 0.1µF, RMAXDTY = 97.6kΩ, VEN = 0, RSCOMP = 68kΩ,
RPRAMP = 25k
Ω, CSKTON = 0.01µF, CSKTOFF = 0.1µF, VOPTO = 2V, VILIM = 4V, VCS = 0.6V, CDRV = 10pF, TA = -40°C to +85°C,
unless otherwise noted.) (Note 5)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Operating Voltage Range
(Note 1)
7.6
18.0
V
VCC rising
7.6
8.4
Undervoltage Lockout
VCC falling
6.6
7.4
V
Undervoltage Lockout Hysteresis
0.9
V
No switching
4.2
Supply Current
VREF = is active,
IREF = 0
Switching with no load
6.3
mA
Shutdown Current
V EN = 3V
0.9
mA
REF
Output Voltage
IREF = 0
4.9
5.1
V
Load Regulation
IREF = 0 to 10mA
50
mV
Line Regulation
VVCC = 8.4V to 18V
20
mV
Shutdown Resistor
V EN = 3V
30
Ω
UNDERVOLTAGE/OVERVOLTAGE (UV/OV)
VUV falling, 120mV typical hysteresis
1.200
1.300
UVLO Threshold
VUV rising
1.083
1.173
V
Input Bias Current
-0.5
+0.5
µA
VOV falling, 130 mV typical hysteresis
2.901
3.142
OVLO Threshold
VOV rising
2.778
3.010
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com