Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC185 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPC185
Description  Security Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC185 Datasheet(HTML) 4 Page - Motorola, Inc

  MPC185 Datasheet HTML 1Page - Motorola, Inc MPC185 Datasheet HTML 2Page - Motorola, Inc MPC185 Datasheet HTML 3Page - Motorola, Inc MPC185 Datasheet HTML 4Page - Motorola, Inc MPC185 Datasheet HTML 5Page - Motorola, Inc MPC185 Datasheet HTML 6Page - Motorola, Inc MPC185 Datasheet HTML 7Page - Motorola, Inc MPC185 Datasheet HTML 8Page - Motorola, Inc MPC185 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
MPC185 Security Processor Technical Summary
MOTOROLA
5 Architectural Overview
A block diagram of the MPC185 internal architecture is shown in Figure 5-3. The 60x bus interface (60x/IF)
module is designed to transfer 64-bit words between the 60x bus and any register inside the MPC185.
An operation begins with a write of a pointer to a crypto-channel fetch register which points to a data packet
descriptor. The channel requests the descriptor and decodes the operation to be performed. The channel then
requests the controller to assign crypto execution units and fetch the keys, IV’s and data needed to perform
the given operation. The controller satisfies the requests by assigning execution units to the channel and by
making requests to the master interface per the programmable priority scheme. As data is processed, it is
written to the individual execution units output buffer and then back to system memory via the 60x/IF
module.
Figure 5-3. MPC185 Functional Blocks
6 Data Packet Descriptors
As a crypto accelerator, the MPC185 controller has been designed for easy use and integration with existing
systems and software. All cryptographic functions are accessible through data packet descriptors, some of
which have been defined as multifunction to facilitate IPSec applications. A data packet descriptor is
diagrammed in Table 6-1.
Table 6-1. Example Data Packet Descriptor
Field Name
Value/Type
Description
DPD_DES_CTX_CRYPT
Tbd
Representative header for DES using Context to Encrypt
LEN_CTXIN
PTR_CTXIN
Length
Pointer
Number of bytes to be written
Pointer to Context (IV) to be written into DES engine
LEN_KEY
PTR_KEY
Length
Pointer
Number of bytes in key
Pointer to block cipher key
LEN_DATAIN
PTR_DATAIN
Length
Pointer
Number of bytes of data to be ciphered
Pointer to data to perform cipher upon
crypto-
channel
crypto-
channel
crypto-
channel
crypto-
channel
60x
Control
PKEU
DEU
FIFO
FIFO
FIFO
FIFO
KEU
FIFO
RNG
FIFO
FIFO
AFEU
32KB
gpRAM
FIFO
MDEU
Master/Slave
Interface
AESU
FIFO
FIFO
x2
x2
x2
x2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com