Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC185 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MPC185
Description  Security Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC185 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MPC185 Datasheet HTML 4Page - Motorola, Inc MPC185 Datasheet HTML 5Page - Motorola, Inc MPC185 Datasheet HTML 6Page - Motorola, Inc MPC185 Datasheet HTML 7Page - Motorola, Inc MPC185 Datasheet HTML 8Page - Motorola, Inc MPC185 Datasheet HTML 9Page - Motorola, Inc MPC185 Datasheet HTML 10Page - Motorola, Inc MPC185 Datasheet HTML 11Page - Motorola, Inc MPC185 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
MPC185 Security Processor Technical Summary
MOTOROLA
7.7 Random Number Generator (RNG)
The RNG is a digital integrated circuit capable of generating 32-bit random numbers. It is designed to
comply with FIPS 140-1 standards for randomness and non-determinism.
Because many cryptographic algorithms use random numbers as a source for generating a secret value (a
nonce), it is desirable to have a private RNG for use by the MPC185. The anonymity of each random number
must be maintained, as well as the unpredictability of the next random number. The FIPS-140 ‘common
criteria’ compliant private RNG allows the system to develop random challenges or random secret keys. The
secret key can thus remain hidden from even the high-level application code, providing an added measure
of physical security.
7.8 32KB General Purpose RAM (gpRAM)
The MPC185 contains 32KB of internal general purpose RAM that can be used to store keys, IVs and data.
The internal scratchpad allows the user to store frequently used context on chip which increases system
performance by minimizing setup time. This feature is especially important when dealing with small
packets and in systems where bus bandwidth is limited.
8
Performance Estimates
Bulk encryption/authentication performance estimates shown in Table 8-1 include data/key/context reads
(from memory to MPC185), security processing (internal to MPC185), and writes of completed
data/context to memory by MPC185, using typical 60x system overhead.
The MPC185 supports single pass processing of encryption/message authentication. All performance
measurements assume standard memory latency, and unconstrained use of an 83Mhz, 64-bit bus utilizing
the 60x bus protocol.
9 Revision History
Table 9-1 summarizes the revision history of this document.
Table 8-1. Estimated Bulk Data Encryption Performance (Mbps)
DES
CBC
3DES
CBC
AES 128
AES 256
ARC4
MD5
SHA-1
Kasumi
3DES/
HMAC-
SHA-1(Rx)
64 byte
204
168
180
153
102
177
162
93
138
128 byte
355
260
281
239
176
311
279
104
237
256 byte
562
358
391
332
279
472
411
230
350
512 byte
815
449
489
415
404
636
540
316
459
1024 byte
1051
513
557
473
521
770
639
391
544
1536 byte
1164
538
585
497
595
828
681
426
579
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com