Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC185 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC185
Description  Security Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC185 Datasheet(HTML) 3 Page - Motorola, Inc

  MPC185 Datasheet HTML 1Page - Motorola, Inc MPC185 Datasheet HTML 2Page - Motorola, Inc MPC185 Datasheet HTML 3Page - Motorola, Inc MPC185 Datasheet HTML 4Page - Motorola, Inc MPC185 Datasheet HTML 5Page - Motorola, Inc MPC185 Datasheet HTML 6Page - Motorola, Inc MPC185 Datasheet HTML 7Page - Motorola, Inc MPC185 Datasheet HTML 8Page - Motorola, Inc MPC185 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MOTOROLA
MPC185 Security Processor Technical Summary
3
PowerPC-architectured processor and memory controller. The ability of the MPC185 to be a master on the
60x bus allows the co-processor to offload the data movement bottleneck normally associated with slave
devices.
The host processor accesses the MPC185 through its device drivers using system memory for data storage.
The MPC185 resides in the memory map of the processor, therefore when an application requires
cryptographic functions, it simply creates descriptors for the MPC185 which define the cryptographic
function to be performed and the location of the data. The MPC185’s 60x-mastering capability permits the
host processor to set up a crypto-channel with a few short register writes, leaving the MPC185 to perform
reads and writes on system memory to complete the required task.
Figure 4-1. MPC185 Connected to PowerQuicc II 60xBus
Figure 4-2 shows a configuration with the MPC185 communicating with the host processor via a PCI
bridge, such as the MPC107.
Figure 4-2. MPC185 Connected to host CPU via a Bridge
MPC82xx
MPC185
EEPROM
Main
I/O or Network
Interface
PCI or Local Bus
60x Bus
Memory
PCI Local Bus
60x Bus
Main
Memory
MPC7xx, MPC74xx
MPC107
PCI Bridge
Network
Interface Card
MPC185
PCI
Application
Network
Interface Card
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com