Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AF031AL55MS1F Datasheet(PDF) 10 Page - STMicroelectronics

Part # M68AF031AL55MS1F
Description  256 Kbit (32K x 8) 5.0V Asynchronous SRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF031AL55MS1F Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M68AF031AL55MS1F Datasheet HTML 6Page - STMicroelectronics M68AF031AL55MS1F Datasheet HTML 7Page - STMicroelectronics M68AF031AL55MS1F Datasheet HTML 8Page - STMicroelectronics M68AF031AL55MS1F Datasheet HTML 9Page - STMicroelectronics M68AF031AL55MS1F Datasheet HTML 10Page - STMicroelectronics M68AF031AL55MS1F Datasheet HTML 11Page - STMicroelectronics M68AF031AL55MS1F Datasheet HTML 12Page - STMicroelectronics M68AF031AL55MS1F Datasheet HTML 13Page - STMicroelectronics M68AF031AL55MS1F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
M68AF031A
10/22
OPERATION
The M68AF031A has a Chip Enable power down
feature which invokes an automatic standby mode
whenever Chip Enable is de-asserted (E = High).
An Output Enable (G) signal provides a high
speed tri-state control, allowing fast read/write cy-
cles to be achieved with the common I/O data bus.
Operational modes are determined by device con-
trol inputs W and E, as summarized in the Operat-
ing Modes table (see Table 6., Operating Modes).
Table 6. Operating Modes
Note: 1. X = VIH or VIL.
Read Mode
The M68AF031A is in the Read mode whenever
Write Enable (W) is High with Output Enable (G)
Low, and Chip Enable (E) is asserted. This pro-
vides access to data of the 262,144 locations in
the static memory array, specified by the 15 ad-
dress inputs. Valid data will be available at the
eight output pins within tAVQV after the last stable
address, providing G is Low and E is Low. If Chip
Enable or Output Enable access times are not
met, data access will be measured from the limit-
ing parameter (tELQV or tGLQV) rather than the ad-
dress. Data out may be indeterminate at tELQX and
tGLQX but data lines will always be valid at tAVQV.
Figure 10. Address Controlled, Read Mode AC Waveforms
Note: E = Low, G = Low, W = High.
Operation
E
W
G
DQ0-DQ7
Power
Deselected
VIH
XX
Hi-Z
Standby (ISB)
Read
VIL
VIH
VIL
Data Output
Active (ICC)
Write
VIL
VIL
X
Data Input
Active (ICC)
Output Disabled
VIL
VIH
VIH
Hi-Z
Active (ICC)
AI05939
tAVAV
tAVQV
tAXQX
A0-A14
DQ0-DQ7
VALID
DATA VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com