Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AF031AL55MS1F Datasheet(PDF) 16 Page - STMicroelectronics

Part # M68AF031AL55MS1F
Description  256 Kbit (32K x 8) 5.0V Asynchronous SRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF031AL55MS1F Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M68AF031AL55MS1F Datasheet HTML 12Page - STMicroelectronics M68AF031AL55MS1F Datasheet HTML 13Page - STMicroelectronics M68AF031AL55MS1F Datasheet HTML 14Page - STMicroelectronics M68AF031AL55MS1F Datasheet HTML 15Page - STMicroelectronics M68AF031AL55MS1F Datasheet HTML 16Page - STMicroelectronics M68AF031AL55MS1F Datasheet HTML 17Page - STMicroelectronics M68AF031AL55MS1F Datasheet HTML 18Page - STMicroelectronics M68AF031AL55MS1F Datasheet HTML 19Page - STMicroelectronics M68AF031AL55MS1F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
M68AF031A
16/22
PACKAGE MECHANICAL
Figure 16. SO28 - 28 lead Plastic Small Outline, 300 mils body width, Package Outline
Note: Drawing is not to scale.
Table 10. SO28 - 28 lead Plastic Small Outline, 300 mils body width, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
2.38
2.79
0.094
0.110
A1
0.05
0.35
0.002
0.014
A2
2.28
2.43
0.090
0.096
B
0.35
0.50
0.014
0.020
C
0.20
0.30
0.008
0.012
D
18.03
18.41
0.710
0.725
ddd
0.10
0.004
E
7.39
7.62
0.291
0.300
e
1.27
–
–
0.050
–
–
H
11.68
12.19
0.460
0.480
L
0.79
1.27
0.031
0.050
α
0°
8°
0°
8°
N28
28
E
14
e
D
C
H
15
28
1
B
SO-E
A1
L
A1
α
h x 45˚
A
ddd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com