Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AF031AL55MS1F Datasheet(PDF) 12 Page - STMicroelectronics

Part # M68AF031AL55MS1F
Description  256 Kbit (32K x 8) 5.0V Asynchronous SRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF031AL55MS1F Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M68AF031AL55MS1F Datasheet HTML 8Page - STMicroelectronics M68AF031AL55MS1F Datasheet HTML 9Page - STMicroelectronics M68AF031AL55MS1F Datasheet HTML 10Page - STMicroelectronics M68AF031AL55MS1F Datasheet HTML 11Page - STMicroelectronics M68AF031AL55MS1F Datasheet HTML 12Page - STMicroelectronics M68AF031AL55MS1F Datasheet HTML 13Page - STMicroelectronics M68AF031AL55MS1F Datasheet HTML 14Page - STMicroelectronics M68AF031AL55MS1F Datasheet HTML 15Page - STMicroelectronics M68AF031AL55MS1F Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
M68AF031A
12/22
Table 7. Read and Standby Mode AC Characteristics
Note: 1. Test conditions assume transition timing reference level = 0.3VCC or 0.7VCC.
2. At any given temperature and voltage condition, tGHQZ is less than tGLQX and tEHQZ is less than tELQX for any given device.
3. These parameters are defined as the time at which the outputs achieve the open circuit conditions and are not referenced to output
voltage levels.
4. Tested initially and after any design or process changes that may affect these parameters.
Symbol
Parameter
M68AF031A
Unit
55
70
Min.
Max.
Min.
Max.
tAVAV
Read Cycle Time
55
70
ns
tAVQV
Address Valid to Output Valid
55
70
ns
tAXQX
(1)
Data hold from address change
5
5
ns
tEHQZ
(2,3)
Chip Enable High to Output Hi-Z
20
25
ns
tELQV
Chip Enable Low to Output Valid
55
70
ns
tELQX
(1)
Chip Enable Low to Output Lo-Z
5
5
ns
tGHQZ
(2,3)
Output Enable High to Output Hi-Z
20
25
ns
tGLQV
Output Enable Low to Output Valid
25
35
ns
tGLQX
(1)
Output Enable Low to Output Transition
5
5
ns
tPD
(4)
Chip Enable High to Power Down
55
70
ns
tPU
(4)
Chip Enable Low to Power Up
0
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com