Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP227 Datasheet(PDF) 13 Page - Analog Devices

Part # OP227
Description  Dual, Low Noise, Low Offset Instrumentation Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP227 Datasheet(HTML) 13 Page - Analog Devices

Back Button OP227 Datasheet HTML 8Page - Analog Devices OP227 Datasheet HTML 9Page - Analog Devices OP227 Datasheet HTML 10Page - Analog Devices OP227 Datasheet HTML 11Page - Analog Devices OP227 Datasheet HTML 12Page - Analog Devices OP227 Datasheet HTML 13Page - Analog Devices OP227 Datasheet HTML 14Page - Analog Devices OP227 Datasheet HTML 15Page - Analog Devices OP227 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. A
OP227
–13–
A1
A2
C1
30pF
D1
1N914
R1*
1k
2N4393
R3
2k
D2
V1
VO
* MATCHED
A1, A2: OP27
R2*
1k
Figure 5. High Speed Precision Rectifier
High Speed Precision Rectifier
The low offsets and excellent load driving capability of the OP27
are key advantages in this precision rectifier circuit. The summing
impedances can be as low as 1 k
W which helps to reduce the
effects of stray capacitance.
For positive inputs, D2 conducts and D1 is biased OFF. Ampli-
fiers A1 and A2 act as a follower with output-to-output feedback
and the R1 resistors are not critical. For negative inputs, D1
conducts and D2 is biased OFF. A1 acts as a follower and A2
serves as a precision inverter. In this mode, matching of the two
R1 resistors is critical to gain accuracy.
Typical component values are 30 pF for C1 and 2 k
W for R3.
The drop across D1 must be less than the drop across the FET
diode D2. A 1N914 for D1 and a 2N4393 for the JFET were
used successfully.
The circuit provides full-wave rectification for inputs of up to
±10 V and up to 20 kHz in frequency. To assure frequency stability,
be sure to decouple the power supply inputs and minimize any
capactive loading. An OP227, which is two OP27 amplifiers in a
single package, can be used to improve packaging density.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com