Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP227 Datasheet(PDF) 4 Page - Analog Devices

Part # OP227
Description  Dual, Low Noise, Low Offset Instrumentation Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP227 Datasheet(HTML) 4 Page - Analog Devices

  OP227 Datasheet HTML 1Page - Analog Devices OP227 Datasheet HTML 2Page - Analog Devices OP227 Datasheet HTML 3Page - Analog Devices OP227 Datasheet HTML 4Page - Analog Devices OP227 Datasheet HTML 5Page - Analog Devices OP227 Datasheet HTML 6Page - Analog Devices OP227 Datasheet HTML 7Page - Analog Devices OP227 Datasheet HTML 8Page - Analog Devices OP227 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. A
–4–
OP227–SPECIFICATIONS
Matching Characteristics (V
S =
15 V, TA = -25 C to +85 C, unless otherwise noted.)
OP227E
OP227G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT OFFSET
VOLTAGE MATCH
VOS
40
140
90
400
mV
INPUT OFFSET
TRACKING
TC VOS
Nulled or Unnulled
*
0.3
1.0
0.5
1.8
mV/ C
AVERAGE
NONINVERTING
BIAS CURRENT
IB+
I
II
B
BA
B
B
+=
++ +
2
±14
±60
±25
±170
nA
AVERAGE DRIFT OF
NONINVERTING BIAS
CURRENT
TCIB+80
180
pA/ C
NONINVERTING
OFFSET CURRENT
IOS+IOS+ = IB+A–IB+B
±20
±90
±35
±250
nA
AVERAGE DRIFT OF
NONINVERTING
OFFSET CURRENT
TCIOS+
130
250
pA/ C
INVERTING OFFSET
CURRENT
IOS–IOS– = IB–A–IB–B
±20
±90
±35
±250
nA
COMMON-MODE
REJECTION RATIO
MATCH
CMRR
VCM =
±10 V
106
120
90
112
dB
POWER SUPPLY
REJECTION RATIO
MATCH
PSRR
VS =
±4.5 V to ±18 V
2
15
3
32
mV/V
NOTES
*Sample tested.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com