Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP227 Datasheet(PDF) 2 Page - Analog Devices

Part # OP227
Description  Dual, Low Noise, Low Offset Instrumentation Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP227 Datasheet(HTML) 2 Page - Analog Devices

  OP227 Datasheet HTML 1Page - Analog Devices OP227 Datasheet HTML 2Page - Analog Devices OP227 Datasheet HTML 3Page - Analog Devices OP227 Datasheet HTML 4Page - Analog Devices OP227 Datasheet HTML 5Page - Analog Devices OP227 Datasheet HTML 6Page - Analog Devices OP227 Datasheet HTML 7Page - Analog Devices OP227 Datasheet HTML 8Page - Analog Devices OP227 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. A
–2–
OP227–SPECIFICATIONS
Individual Amplifier Characteristics (V
S =
15 V, TA = 25 C, unless otherwise noted.)
OP227E
OP227G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
VOS
Note 1
20
80
60
180
mV
LONG-TERM VOS STABILITY
VOS/Time
Notes 2,4
0.2
1.0
0.4
2.0
mV/MO
INPUT OFFSET CURRENT
IOS
735
12
75
nA
INPUT BIAS CURRENT
IB
±10
±40
±15
±80
nA
INPUT NOISE VOLTAGE
en p-p
0.1 Hz to 10 Hz
0.08
0.20
0.09
0.28
mV p-p
Notes 3,5
INPUT NOISE VOLTAGE
DENSITY
en
fO = 10 Hz
3
3.5
6.0
3.8
9.0
nV/
Hz
fO = 30 Hz
3
3.1
4.7
3.3
5.9
nV/
Hz
fO = 1000 Hz
3
3.0
3.9
3.2
4.6
nV/
Hz
INPUT NOISE DENSITY
in
fO = 10 Hz
3, 6
1.7
4.5
1.7
pA/
Hz
fO = 30 Hz
3, 6
1.0
2.5
1.0
pA/
Hz
fO = 1000 Hz
3, 6
0.4
0.7
0.4
0.7
pA/
Hz
INPUT RESISTANCE
Differential Mode
RIN
Note 7
1.3
6
0.7
4
M
W
Common Mode
RINCM
32
G
W
INPUT VOLTAGE RANGE
IVR
±11.0 ±12.3
±11.0 ±12.3
V
COMMON-MODE
REJECTION RATIO
CMRR
VCM =
±11 V
114
126
100
120
dB
POWER SUPPLY
REJECTION RATIO
PSRR
VS =
±4 V to
±18 V
1
10
2
20
mV/V
LARGE-SIGNAL
VOLTAGE GAIN
AVO
RL
2 k
W,
VO =
±10 V
1000
1800
700
1500
V/mV
RL
600 k
W,
VO =
±10 V
800
1500
600
1500
V/mV
OUTPUT VOLTAGE SWING
VO
RL
2 k
W±12.0 ±13.8
±11.5 ±13.5
V
RL
600
W±10.0 ±11.5
±10.0 ±11.5
V
SLEW RATE
SR
RL
2 k
W4
1.7
2.8
1.7
2.8
V/
ms
GAIN BANDWIDTH PROD.
GBW
Note 4
5
8
5
8
MHz
OPEN-LOOP OUTPUT
RESISTANCE
RO
VO = 0, IO = 0
70
70
W
POWER CONSUMPTION
Pd
Each Amplifier
90
140
100
170
mW
OFFSET ADJUSTMENT
RANGE
Rp = 10 k
W±4
±4mV
NOTES
1Input offset voltage measurements are performed by automated test equipment approximately 0.5 seconds after application of power. E Grade specifications are
guaranteed fully warmed up.
2Long term input offset voltage stability refers to the average trend line of V
OS vs. time over extended periods after the first 30 days of operation. Excluding the initial
hour of operation, changes in VOS during the first 30 days are typically 2.5
mV. Refer to the Typical Performance Curve.
3Sample tested.
4Parameter is guaranteed by design.
5See test circuit and frequency response curve for 0.1 Hz to 10 Hz tester.
6See test circuit for current noise measurement.
7Guaranteed by input bias current.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com