Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C668 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # P89C668
Description  80C51 8-bit Flash microcontroller family
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C668 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button P89C668 Datasheet HTML 67Page - NXP Semiconductors P89C668 Datasheet HTML 68Page - NXP Semiconductors P89C668 Datasheet HTML 69Page - NXP Semiconductors P89C668 Datasheet HTML 70Page - NXP Semiconductors P89C668 Datasheet HTML 71Page - NXP Semiconductors P89C668 Datasheet HTML 72Page - NXP Semiconductors P89C668 Datasheet HTML 73Page - NXP Semiconductors P89C668 Datasheet HTML 74Page - NXP Semiconductors P89C668 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 89 page
background image
Philips Semiconductors
Product data
P89C660/P89C662/P89C664/
P89C668
80C51 8-bit Flash microcontroller family
16KB/32KB/64KB ISP/IAP Flash with 512B/1KB/2KB/8KB RAM
2002 Oct 28
71
IAP CALL
PARAMETER
PROGRAM STATUS BYTE
Input Parameters:
R0 = osc freq (integer)
R1 = 06h
R1 = 86h (WDT feed, Rx2, 66x only)
DPH = 00h
DPL = 00h – program status byte
ACC = status byte
Return Parameter
ACC = 00 if pass; not 00 if fails
Sample routine:
;***** Program Status Byte (SB) *****
;***** DPTR indicates program status byte *****
;***** ACC holds new value of Status Byte to program *****
WRSB:
MOV
AUXR1,#20H
;set the ENBOOT bit
MOV
R0,#11
;FOSC
MOV
R1,#06H
;program status byte or boot vector
MOV
DPTR,#0000h
;specify status byte
MOV
A,NEW_SB
;
CALL
PGM_MTP
;execute the function
RET
PROGRAM BOOT VECTOR
Input Parameters:
R0 = osc freq (integer)
R1 = 06h
R1 = 86h (WDT feed, Rx2 & 66x only)
DPH = 00h
DPL = 01h – program boot vector
ACC = boot vector
Return Parameter
ACC = 00 if pass; not 00 if fails
Sample routine:
;***** Program Boot Vector (BV) *****
;***** DPTR indicates program boot vector *****
;***** ACC holds new value of boot vector to program *****
WRBV:
MOV
AUXR1,#20H
;set the ENBOOT bit
MOV
R0,#11
;FOSC
MOV
R1,#06H
;program status byte or boot vector
MOV
DPTR,#0001h
;specify boot vector
MOV
A,NEW_SB
;new value for the boot vector
CALL
PGM_MTP
;execute the function
RET
READ DEVICE DATA
Input Parameters:
R1 = 03h
R1 = 83h (WDT feed, Rx2 & 66x only)
DPTR = address of byte to read
Return Parameter
ACC = value of byte read
Sample routine:
;*****reads the Device Data (DData) *****
;***** DData returned in ACC *****
;***** DPTR holds address of byte to read *****
RDData:
MOV
AUXR1,#20H
;set the ENBOOT bit
MOV
R0,#11
;FOSC
MOV
R1,#03H
;read data function
MOV
DPTR,Address
;specify address of byte to read
CALL
PGM_MTP
;execute the function
RET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com