Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C668 Datasheet(PDF) 72 Page - NXP Semiconductors

Part # P89C668
Description  80C51 8-bit Flash microcontroller family
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C668 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button P89C668 Datasheet HTML 68Page - NXP Semiconductors P89C668 Datasheet HTML 69Page - NXP Semiconductors P89C668 Datasheet HTML 70Page - NXP Semiconductors P89C668 Datasheet HTML 71Page - NXP Semiconductors P89C668 Datasheet HTML 72Page - NXP Semiconductors P89C668 Datasheet HTML 73Page - NXP Semiconductors P89C668 Datasheet HTML 74Page - NXP Semiconductors P89C668 Datasheet HTML 75Page - NXP Semiconductors P89C668 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 89 page
background image
Philips Semiconductors
Product data
P89C660/P89C662/P89C664/
P89C668
80C51 8-bit Flash microcontroller family
16KB/32KB/64KB ISP/IAP Flash with 512B/1KB/2KB/8KB RAM
2002 Oct 28
72
IAP CALL
PARAMETER
READ MANUFACTURER ID
Input Parameters:
R0 = osc freq (integer)
R1 = 00h
R1 = 80h (WDT feed, Rx2 & 66x only)
DPH = 00h
DPL = 00h (manufacturer ID)
Return Parameter
ACC = value of byte read
Sample routine:
;*****reads the Manufacturer ID (MID) *****
;***** MID returned in ACC (should be 15h for Philips)
RDMID:
MOV
AUXR1,#20H
;set the ENBOOT bit
MOV
R0,#11
;FOSC
MOV
R1,#00H
;read misc function
MOV
DPTR,#0000H
;specify MID
CALL
PGM_MTP
;execute the function
RET
READ DEVICE ID # 1
Input Parameters:
R0 = osc freq (integer)
R1 = 00h
R1 = 80h (WDT feed, Rx2 & 66x only)
DPH = 00h
DPL = 01h (device ID # 1)
Return Parameter
ACC = value of byte read
Sample routine:
;*****reads the Device ID 1 (DID1) *****
;***** DID1 returned in ACC
RDDID1:
MOV
AUXR1,#20H
;set the ENBOOT bit
MOV
R0,#11
;FOSC
MOV
R1,#00H
;read misc function
MOV
DPTR,#0001H
;specify device id 1
CALL
PGM_MTP
;execute the function
RET
READ DEVICE ID # 2
Input Parameters:
R0 = osc freq (integer)
R1 = 00h
R1 = 80h (WDT feed, Rx2 & 66x only)
DPH = 00h
DPL = 02h (device ID # 2)
Return Parameter
ACC = value of byte read
Sample routine:
;*****reads the Device ID 2 (DID2) *****
;***** DID2 returned in ACC
RDDID2:
MOV
AUXR1,#20H
;set the ENBOOT bit
MOV
R0,#11
;FOSC
MOV
R1,#00H
;read misc function
MOV
DPTR,#0002H
;specify device id 2
CALL
PGM_MTP
;execute the function
RET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com