Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C668 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # P89C668
Description  80C51 8-bit Flash microcontroller family
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C668 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button P89C668 Datasheet HTML 12Page - NXP Semiconductors P89C668 Datasheet HTML 13Page - NXP Semiconductors P89C668 Datasheet HTML 14Page - NXP Semiconductors P89C668 Datasheet HTML 15Page - NXP Semiconductors P89C668 Datasheet HTML 16Page - NXP Semiconductors P89C668 Datasheet HTML 17Page - NXP Semiconductors P89C668 Datasheet HTML 18Page - NXP Semiconductors P89C668 Datasheet HTML 19Page - NXP Semiconductors P89C668 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 89 page
background image
Philips Semiconductors
Product data
P89C660/P89C662/P89C664/
P89C668
80C51 8-bit Flash microcontroller family
16KB/32KB/64KB ISP/IAP Flash with 512B/1KB/2KB/8KB RAM
2002 Oct 28
16
Serial Clock Generator
This programmable clock pulse generator provides the SCL clock
pulses when SIO1 is in the Master Transmitter or Master Receiver
mode. It is switched off when SIO1 is in a Slave mode. The
programmable output clock frequencies are: fOSC/120, fOSC/9600
(12-clock mode) or fOSC/60, fOSC/4800 (6-clock mode) and the
Timer 1 overflow rate divided by eight. The output clock pulses have
a 50% duty cycle unless the clock generator is synchronized with
other SCL clock sources as described above.
Timing and Control
The timing and control logic generates the timing and control signals
for serial byte handling. This logic block provides the shift pulses for
S1DAT, enables the comparator, generates and detects start and
stop conditions, receives and transmits acknowledge bits, controls
the master and Slave modes, contains interrupt request logic, and
monitors the I2C bus status.
Control Register, S1CON
This 7-bit special function register is used by the microcontroller to
control the following SIO1 functions: start and restart of a serial
transfer, termination of a serial transfer, bit rate, address recognition,
and acknowledgment.
Status Decoder and Status Register
The status decoder takes all of the internal status bits and
compresses them into a 5-bit code. This code is unique for each I2C
bus status. The 5-bit code may be used to generate vector
addresses for fast processing of the various service routines. Each
service routine processes a particular bus status. There are 26
possible bus states if all four modes of SIO1 are used. The 5-bit
status code is latched into the five most significant bits of the status
register when the serial interrupt flag is set (by hardware) and
remains stable until the interrupt flag is cleared by software. The
three least significant bits of the status register are always zero. If
the status code is used as a vector to service routines, then the
routines are displaced by eight address locations. Eight bytes of
code is sufficient for most of the service routines.
The Four SIO1 Special Function Registers
The microcontroller interfaces to SIO1 via four special function
registers. These four SFRs (S1ADR, S1DAT, S1CON, and S1STA)
are described individually in the following sections.
The Address Register, S1ADR
The CPU can read from and write to this 8-bit, directly addressable
SFR. S1ADR is not affected by the SIO1 hardware. The contents of
this register are irrelevant when SIO1 is in a Master mode. In the
Slave modes, the seven most significant bits must be loaded with
the microcontroller’s own slave address, and, if the least significant
bit is set, the general call address (00H) is recognized; otherwise it
is ignored.
S1ADR (DBH)
XGC
7
65
4
3
2
1
0
own slave address
X
XX
XX
X
The most significant bit corresponds to the first bit received from the
I2C bus after a start condition. A logic 1 in S1ADR corresponds to a
high level on the I2C bus, and a logic 0 corresponds to a low level
on the bus.
The Data Register, S1DAT
S1DAT contains a byte of serial data to be transmitted or a byte
which has just been received. The CPU can read from and write to
this 8-bit, directly addressable SFR while it is not in the process of
shifting a byte. This occurs when SIO1 is in a defined state and the
serial interrupt flag is set. Data in S1DAT remains stable as long as
SI is set. Data in S1DAT is always shifted from right to left: the first
bit to be transmitted is the MSB (bit 7), and, after a byte has been
received, the first bit of received data is located at the MSB of
S1DAT. While data is being shifted out, data on the bus is
simultaneously being shifted in; S1DAT always contains the last
data byte present on the bus. Thus, in the event of lost arbitration,
the transition from master transmitter to slave receiver is made with
the correct data in S1DAT.
S1DAT (DAH)
SD7
SD6
SD5
SD4
SD3
SD2
SD1
SD0
7
65
4
3
2
1
0
shift direction
SD7 - SD0:
Eight bits to be transmitted or just received. A logic 1 in S1DAT
corresponds to a high level on the I2C bus, and a logic 0
corresponds to a low level on the bus. Serial data shifts through
S1DAT from right to left. Figure 6 shows how data in S1DAT is
serially transferred to and from the SDA line.
S1DAT and the ACK flag form a 9-bit shift register which shifts in or
shifts out an 8-bit byte, followed by an acknowledge bit. The ACK
flag is controlled by the SIO1 hardware and cannot be accessed by
the CPU. Serial data is shifted through the ACK flag into S1DAT on
the rising edges of serial clock pulses on the SCL line. When a byte
has been shifted into S1DAT, the serial data is available in S1DAT,
and the acknowledge bit is returned by the control logic during the
ninth clock pulse. Serial data is shifted out from S1DAT via a buffer
(BSD7) on the falling edges of clock pulses on the SCL line.
When the CPU writes to S1DAT, BSD7 is loaded with the content of
S1DAT.7, which is the first bit to be transmitted to the SDA line (see
Figure 7). After nine serial clock pulses, the eight bits in S1DAT will
have been transmitted to the SDA line, and the acknowledge bit will
be present in ACK. Note that the eight transmitted bits are shifted
back into S1DAT.
The Control Register, S1CON
The CPU can read from and write to this 8-bit, directly addressable
SFR. Two bits are affected by the SIO1 hardware: the SI bit is set
when a serial interrupt is requested, and the STO bit is cleared when
a STOP condition is present on the I2C bus. The STO bit is also
cleared when ENS1 = “0”.
S1CON (D8H)
ENS1
STA
STO
SI
AA
CR1
CR0
7
65
4
3
2
1
0
CR2
ENS1, the SIO1 Enable Bit: ENS1 = “0”: When ENS1 is “0”, the
SDA and SCL outputs are in a high impedance state. SDA and SCL
input signals are ignored, SIO1 is in the “not addressed” slave state,
and the STO bit in S1CON is forced to “0”. No other bits are
affected. P1.6 and P1.7 may be used as open drain I/O ports.
ENS1 = “1”: When ENS1 is “1”, SIO1 is enabled. The P1.6 and P1.7
port latches must be set to logic 1.
ENS1 should not be used to temporarily release SIO1 from the I2C
bus since, when ENS1 is reset, the I2C bus status is lost. The AA
flag should be used instead (see description of the AA flag in the
following text).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com