Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1602 Datasheet(PDF) 8 Page - Texas Instruments

Part # PCM1602
Description  24-Bit, 192kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1602 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM1602 Datasheet HTML 4Page - Texas Instruments PCM1602 Datasheet HTML 5Page - Texas Instruments PCM1602 Datasheet HTML 6Page - Texas Instruments PCM1602 Datasheet HTML 7Page - Texas Instruments PCM1602 Datasheet HTML 8Page - Texas Instruments PCM1602 Datasheet HTML 9Page - Texas Instruments PCM1602 Datasheet HTML 10Page - Texas Instruments PCM1602 Datasheet HTML 11Page - Texas Instruments PCM1602 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
PCM1602
8
SBAS163
TYPICAL PERFORMANCE CURVES (Cont.)
All specifications at TA = +25°C, VCC = 5.0V, VDD = 3.3V, system clock = 384fS (fS = 44.1kHz), and 24-bit input data, unless otherwise noted.
De-Emphasis and De-Emphasis Error (Cont.)
ANALOG DYNAMIC PERFORMANCE
All specifications at TA = +25°C, VCC = 5.0V, VDD = 3.3V, and 24-bit input data, unless otherwise noted. Conditions in 192kHz operation are: system clock = 128fS,
DAC3 through DAC6 = disable of Register 8, and oversampling rate = 64fS of Register 12.
Supply-Voltage Characteristics
0.0
–1.0
–2.0
–3.0
–4.0
–5.0
–6.0
–7.0
–8.0
–9.0
–10.0
DE-EMPHASIS (f
S = 44.1kHz)
02
46
8
10
12
14
16
18
20
Frequency (kHz)
0.5
0.4
0.3
0.2
0.1
0.0
–0.1
–0.2
–0.3
–0.4
–0.5
DE-EMPHASIS ERROR (f
S = 44.1kHz)
02
46
8
10
12
14
16
18
20
Frequency (kHz)
0.0
–1.0
–2.0
–3.0
–4.0
–5.0
–6.0
–7.0
–8.0
–9.0
–10.0
DE-EMPHASIS (f
S = 48kHz)
02
46
8
10
12
14
16
18
22
Frequency (kHz)
0.5
0.4
0.3
0.2
0.1
0.0
–0.1
–0.2
–0.3
–0.4
–0.5
DE-EMPHASIS ERROR (f
S = 48kHz)
02
46
8
10
12
14
16
18
22
Frequency (kHz)
10
1
0.1
0.01
0.001
0.0001
THD+N vs V
CC (VDD = 3.3V)
4
4.5
5
5.5
6
V
CC (V)
0dB/96kHz, 384f
S
0dB/192kHz, 384f
S
–60dB/96kHz, 384f
S
–60dB/192kHz, 384f
S
–60dB/44.1kHz, 384f
S
0dB/44.1kHz, 384f
S
110
108
106
104
102
100
98
96
DYNAMIC RANGE vs V
CC (VDD = 3.3V)
4
4.5
5
5.5
6
V
CC (V)
192kHz, 384f
S
96kHz, 384f
S
44.1kHz, 384f
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com