Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1602 Datasheet(PDF) 22 Page - Texas Instruments

Part # PCM1602
Description  24-Bit, 192kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1602 Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM1602 Datasheet HTML 18Page - Texas Instruments PCM1602 Datasheet HTML 19Page - Texas Instruments PCM1602 Datasheet HTML 20Page - Texas Instruments PCM1602 Datasheet HTML 21Page - Texas Instruments PCM1602 Datasheet HTML 22Page - Texas Instruments PCM1602 Datasheet HTML 23Page - Texas Instruments PCM1602 Datasheet HTML 24Page - Texas Instruments PCM1602 Datasheet HTML 25Page - Texas Instruments PCM1602 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
PCM1602
22
SBAS163
Register 12 (Cont.)
OVER
Oversampling Rate Control
This bit is Read/Write.
Default Value: 0
System Clock Rate = 256, 384, 512, or 768fS:
OVER = 0
64x Oversampling (default)
OVER = 1
128x Oversampling
System Clock Rate = 128 or 192fS:
OVER = 0
32x Oversampling (default)
OVER = 1
64x Oversampling
The OVER bit is used to control the oversampling rate of the delta-sigma DACs. The OVER = 1 setting is
recommended when the oversampling rate is 192kHz (system clock rate is 128 or 192fS).
ANALOG OUTPUTS
The PCM1602 includes six independent output channels,
VOUT1 through VOUT6. These are unbalanced outputs, each
capable of driving 3.1Vp-p typical into a 5k
Ω AC load with
VCC = +5V. The internal output amplifiers for VOUT1 through
VOUT6 are DC biased to the common-mode (or bipolar zero)
voltage, equal to VCC/2.
The output amplifiers include an RC continuous-time filter,
which helps to reduce the out-of-band noise energy present
at the DAC outputs due to the noise-shaping characteristics
of the PCM1602’s delta-sigma DACs. The frequency re-
sponse of this filter is shown in Figure 10. By itself, this
FIGURE 10. Output Filter Frequency Response.
1
10
100
1k
10k
100k
10M
1M
20
0
–20
–40
–60
–80
–100
Log Frequency (Hz)
FIGURE 11. Biasing External Circuits Using the VCOM Pin.
+
OPA337
10
µF
V
COM
PCM1602
15
4
3
1
V
BIAS ≈
V
CC
2
filter is not enough to attenuate the out-of-band noise to an
acceptable level for most applications. An external low-pass
filter is required to provide sufficient out-of-band noise
rejection. Further discussion of DAC post-filter circuits is
provided in the Applications Information section of this data
sheet.
VCOM OUTPUT
One unbuffered, common-mode voltage output pin, VCOM
(pin 15), is brought out for decoupling purposes. This pin is
nominally biased to a DC voltage level equal to VCC/2. If
this pin is to be used to bias external circuitry, a voltage
follower is required for buffering purposes. Figure 11 shows
an example of using the VCOM pin for external biasing
applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com