Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1602 Datasheet(PDF) 11 Page - Texas Instruments

Part # PCM1602
Description  24-Bit, 192kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1602 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM1602 Datasheet HTML 7Page - Texas Instruments PCM1602 Datasheet HTML 8Page - Texas Instruments PCM1602 Datasheet HTML 9Page - Texas Instruments PCM1602 Datasheet HTML 10Page - Texas Instruments PCM1602 Datasheet HTML 11Page - Texas Instruments PCM1602 Datasheet HTML 12Page - Texas Instruments PCM1602 Datasheet HTML 13Page - Texas Instruments PCM1602 Datasheet HTML 14Page - Texas Instruments PCM1602 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
PCM1602
11
SBAS163
The PCM1602 also includes an external reset capability
using the RST input (pin 37). This allows an external
controller or master reset circuit to force the PCM1602 to
initialize to its reset default state. For normal operation,
RST should be set to a logic “1”.
The external reset operation and timing is shown in Figure 3.
The RST pin is set to logic “0” for a minimum of 20ns.
After the initialization sequence is completed, the PCM1602
will be set to its reset default state, as described in the
Mode Control Registers section of this data sheet.
During the reset period (1024 system clocks), the analog
outputs are forced to the bipolar zero level (or VCC/2).
After the reset period, the internal registers are initialized
in the next 1/fS period and, if SCKI, BCK, and LRCK are
provided continuously, the PCM1602 provides proper ana-
log output with unit-group delay, as specified in this data
sheet.
The external reset is especially useful in applications
where there is a delay between PCM1602 power-up and
system clock activation. In this case, the RST pin should
be held at a logic “0” level until the system clock has been
activated.
AUDIO SERIAL INTERFACE
The audio serial interface for the PCM1602 is comprised of
a 5-wire synchronous serial port. It includes LRCK (pin 41),
BCK (pin 40), DATA1 (pin 45), DATA2 (pin 46), and
DATA3 (pin 47). BCK is the serial audio bit clock, and is
used to clock the serial data present on DATA1, DATA2,
and DATA3 into the audio interface’s serial shift register.
Serial data is clocked into the PCM1602 on the rising edge
of BCK. LRCK is the serial audio left/right clock. It is used
to latch serial data into the serial audio interface’s internal
registers.
Both LRCK and BCK must be synchronous to the system
clock. Ideally, it is recommended that LRCK and BCK be
derived from the system clock input, SCKI. LRCK is
operated at the sampling frequency (fS). BCK may be oper-
ated at 32, 48, or 64 times the sampling frequency (I2S format
does not support BCK = 32fS).
Internal operation of the PCM1602 is synchronized with
LRCK. Accordingly, it is held when the sampling rate clock
of LRCK is changed, or SCKI and/or BCK is broken at least
for one clock cycle. If SCKI, BCK, and LRCK are provided
continuously after this hold condition, the internal operation
will be resynchronized automatically, less than 3/fS period. In
this resynchronize period, and following 3/fS, the analog
outputs are forced to the bipolar zone level (or VCC/2).
External resettling is not required.
AUDIO DATA FORMATS AND TIMING
The PCM1602 supports industry-standard audio data formats,
including Standard, I2S, and Left-Justified (see Figure 4).
Data formats are selected using the format bits, FMT[2:0], in
Register 9. The default data format is 24-bit Standard. All
formats require Binary Two’s Complement, MSB-first audio
data. See Figure 5 for a detailed timing diagram of the serial
audio interface.
DATA1, DATA2, and DATA3 each carry two audio chan-
nels, designated as the Left and Right channels. The Left
channel data always precedes the Right channel data in the
serial data stream for all data formats. Table II shows the
mapping of the digital input data to the analog output pins.
DATA INPUT
CHANNEL
ANALOG OUTPUT
DATA1
Left
VOUT1(1)
DATA1
Right
VOUT2(1)
DATA2
Left
VOUT3(2)
DATA2
Right
VOUT4(2)
DATA3
Left
VOUT5(2)
DATA3
Right
VOUT6(2)
NOTES: (1) Up to 192kHz. (2) Up to 96kHz.
TABLE II. Audio Input Data to Analog Output Mapping.
FIGURE 3. External Reset Timing.
1024 System Clocks
Reset
Reset Removal
System Clock
Internal Reset
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com