Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-5619 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-5619
Description  SMD Unshielded Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-5619 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-5619 Datasheet HTML 1Page - Abracon Corporation ASPI-5619 Datasheet HTML 2Page - Abracon Corporation ASPI-5619 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASPI-5619
ELECTRICAL SPECIFICATIONS:
FEATURES:
APPLICATIONS:
• DC/DC converters for smart phone, LED driver circuit
5.60 x 5.60 x 1.90mm
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
ISO 9001:2008
30332Esperanza, Rancho Santa Margarita, California 9268
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 10.03.13
Visit
www.abracon.com for Terms & Conditions of Sale
SMD Unshielded Power Inductor
• Miniature size
• Available on tape and reel for automatic mounting
• RoHS compliant and Lead free
PART NO﹒
ASPI-5619-
Inductance Code
Inductance
(μH)
Inductance
Tolerance
DCR
(Ω) ±
20%
Rated DC
current (A)
IDC1
Max.
IDC2
Max.
IDC3
Max.
ASPI-5615-1R5
1.50
M
0.033
4.50
5.50
3.50
ASPI-5615-2R2
2.20
M
0.043
3.70
5.00
2.90
ASPI-5615-3R3
3.30
M
0.057
2.90
4.10
2.40
ASPI-5615-4R7
4.70
M
0.076
2.70
3.50
2.20
ASPI-5615-6R8
6.80
M
0.113
2.20
2.85
1.80
ASPI-5615-8R2
8.20
M
0.132
1.90
2.60
1.52
ASPI-5615-100M
10.00
M
0.153
1.50
2.35
1.50
ASPI-5615-150M
15.00
M
0.231
1.40
1.90
1.15
ASPI-5615-220M
22.00
M
0.312
1.15
1.50
0.97
ASPI-5615-330M
33.00
M
0.478
0.97
1.33
0.76
ASPI-5615-470M
47.00
M
0.703
0.81
1.10
0.65
Test Conditions
Inductance: 100kHz, 0.1V
IDC1: Base on Inductance change
IDC2: Base on Inductance change
IDC3: Base on Temperature change
Operating Temperature
-40˚C to +85˚C
Storage Temperature
-40˚C to +85˚C
OPTIONS AND PART IDENTIFICATION
ASPI-5619 -
-
Tolerance %
M: ± 20%
Inductance Code
Please refer to the
table above
Packaging
T: Tape and Reel
(4,000pcs / reel)
Pb RoHS/RoHS II Compliant
(|ΔL/L
o|≤10%)
(|ΔL/L
o|≤30%)
(ΔT≤40◦C)


Similar Part No. - ASPI-5619

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-5619-100 ABRACON-ASPI-5619-100 Datasheet
72Kb / 1P
SMT POWER INDUCTORS
ASPI-5619-150 ABRACON-ASPI-5619-150 Datasheet
72Kb / 1P
SMT POWER INDUCTORS
ASPI-5619-220 ABRACON-ASPI-5619-220 Datasheet
72Kb / 1P
SMT POWER INDUCTORS
ASPI-5619-2R2 ABRACON-ASPI-5619-2R2 Datasheet
72Kb / 1P
SMT POWER INDUCTORS
ASPI-5619-330 ABRACON-ASPI-5619-330 Datasheet
72Kb / 1P
SMT POWER INDUCTORS
More results

Similar Description - ASPI-5619

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DH1364 MACOM-DH1364 Datasheet
59Kb / 3P
SMD Unshielded Self-Leaded Inductor
DN1047 MACOM-DN1047 Datasheet
76Kb / 3P
SMD Unshielded Inductor Series
DU1311 MACOM-DU1311 Datasheet
377Kb / 3P
SMD Unshielded Power Inductor Series
logo
Accetek Electronics (Sh...
1MG ACCETEK-1MG Datasheet
284Kb / 4P
Unshielded Power Inductor
1MH ACCETEK-1MH Datasheet
280Kb / 3P
Unshielded Power Inductor
logo
Abracon Corporation
AISC-1206H ABRACON-AISC-1206H Datasheet
1Mb / 3P
UNSHIELDED SMD POWER INDUCTOR
08.06.13
AISC-2220H ABRACON-AISC-2220H Datasheet
1Mb / 3P
UNSHIELDED SMD POWER INDUCTOR
12.28.12
ASPI-XXXXHC ABRACON-ASPI-XXXXHC Datasheet
875Kb / 2P
SMD UNSHIELDED LOW PROFILE POWER INDUCTOR
10.05.09
logo
Stackpole Electronics, ...
LPC SEI-LPC Datasheet
609Kb / 8P
SMD Unshielded Power Inductor
08/30/2019
LP_SERIES SEI-LP_SERIES Datasheet
591Kb / 7P
SMD Unshielded Power Inductor
10/03/2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com