Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-5619 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASPI-5619
Description  SMD Unshielded Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-5619 Datasheet(HTML) 3 Page - Abracon Corporation

  ASPI-5619 Datasheet HTML 1Page - Abracon Corporation ASPI-5619 Datasheet HTML 2Page - Abracon Corporation ASPI-5619 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ASPI-5619
5.60 x 5.60 x 1.90mm
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
ISO 9001:2008
30332Esperanza, Rancho Santa Margarita, California 9268
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 10.03.13
Visit
www.abracon.com for Terms & Conditions of Sale
SMD Unshielded Power Inductor
REFLOW PROFILE
T: 4,000pcs / reel
Dimension: mm
W
E
F
P
A0
B0
D0
P0
K0
t
16±0.3 1.75±0.1 9.25±0.1 12.0±0.1 5.9±0.1 5.9±0.1 1.5±0.1 4.0±0.1 2.10±0.1 0.3±0.05
TAPE & REEL:
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from
Abracon Corporation is required. Please contact Abracon Corporation for more information.
Pb RoHS/RoHS II Compliant



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com