Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-5619 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASPI-5619
Description  SMD Unshielded Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-5619 Datasheet(HTML) 2 Page - Abracon Corporation

  ASPI-5619 Datasheet HTML 1Page - Abracon Corporation ASPI-5619 Datasheet HTML 2Page - Abracon Corporation ASPI-5619 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ASPI-5619
5.60 x 5.60 x 1.90mm
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
ISO 9001:2008
30332Esperanza, Rancho Santa Margarita, California 9268
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 10.03.13
Visit
www.abracon.com for Terms & Conditions of Sale
SMD Unshielded Power Inductor
OUTLINE DIMENSIONS:
ELECTRICAL CHARACTERISTICS
Dimension: mm
A
B
C max
D max
E ref
F ref
G ref
5.60±0.3 5.60±0.3
1.90
7.90
2.05
1.50
1.80
Recommended Land Pattern
Pb RoHS/RoHS II Compliant



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com