Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL1705 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PLL1705
Description  3.3-V DUAL PLL MULTICLOCK GENERATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLL1705 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PLL1705 Datasheet HTML 9Page - Texas Instruments PLL1705 Datasheet HTML 10Page - Texas Instruments PLL1705 Datasheet HTML 11Page - Texas Instruments PLL1705 Datasheet HTML 12Page - Texas Instruments PLL1705 Datasheet HTML 13Page - Texas Instruments PLL1705 Datasheet HTML 14Page - Texas Instruments PLL1705 Datasheet HTML 15Page - Texas Instruments PLL1705 Datasheet HTML 16Page - Texas Instruments PLL1705 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
PLL1705
PLL1706
SLES046A – AUGUST 2002 – REVISED SEPTEMBER 2002
www.ti.com
13
Mode Register
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
1
1
1
0
0
CE6
CE5
CE4
CE3
CE2
CE1
RSV
SR
FS2
FS1
Table 6. Register Mapping
REGISTER
BIT NAME
DESCRIPTION
CE6
MCKO2 output enable/disable
CE5
MCKO1 output enable/disable
CE4
SCKO1 output enable/disable
CE3
SCKO3 output enable/disable
Mode control
CE2
SCKO2 output enable/disable
Mode control
CE1
SCKO0 output enable/disable
RSV
Reserved, must be 0
SR
Sampling rate select
FS[2:1]
Sampling frequency select
FS[2:1]: Sampling Frequency Group Select
FS2
FS1
SAMPLING FREQUENCY
DEFAULT
0
0
48 kHz
O
0
1
44.1 kHz
1
0
32 kHz
1
1
Reserved
SR: Sampling Rate Select
SR
SAMPLING RATE
DEFAULT
0
Standard
O
1
Double
CE [6:1]: Clock Output Control
CE1–CE6
CLOCK OUTPUT CONTROL
DEFAULT
0
Clock output disable
1
Clock output enable
O
While all the bits of CE [6:1] are 0, the PLL1706 goes into the power-down mode, all dynamic operation including PLLs
and the oscillator halt, but serial mode control is enabled for resumption.
CONNECTION DIAGRAM
Figure 14 shows the typical connection circuit for the PLL1705. There are four grounds for digital and analog power
supplies. However, the use of one common ground connection is recommended to avoid latch-up or other
power-supply-related troubles. Power supplies should be bypassed as close as possible to the device.
MPEG-2 APPLICATIONS
Typical applications for the PLL1705/6 are MPEG-2 based systems such as DVD players, DVD add-on cards for
multimedia PCs, digital HDTV systems, and set-top boxes. The PLL1705/6 provides audio system clocks for a CD-DA DSP,
DVD DSP, Karaoke DSP, and DAC(s) from a 27-MHz video clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com