Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL1705 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PLL1705
Description  3.3-V DUAL PLL MULTICLOCK GENERATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLL1705 Datasheet(HTML) 1 Page - Texas Instruments

  PLL1705 Datasheet HTML 1Page - Texas Instruments PLL1705 Datasheet HTML 2Page - Texas Instruments PLL1705 Datasheet HTML 3Page - Texas Instruments PLL1705 Datasheet HTML 4Page - Texas Instruments PLL1705 Datasheet HTML 5Page - Texas Instruments PLL1705 Datasheet HTML 6Page - Texas Instruments PLL1705 Datasheet HTML 7Page - Texas Instruments PLL1705 Datasheet HTML 8Page - Texas Instruments PLL1705 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
PLL1705
PLL1706
SLES046A – AUGUST 2002 – REVISED SEPTEMBER 2002
3.3-V DUAL PLL MULTICLOCK GENERATOR
FEATURES
D 27-MHz Master Clock Input
D Generated Audio System Clock:
– SCKO0: 768 fS (fS = 44.1 kHz)
– SCKO1: 384 fS, 768 fS (fS = 44.1 kHz)
– SCKO2: 256 fS (fS = 32, 44.1, 48, 64, 88.2,
96 kHz)
– SCKO3: 384 fS (fS = 32, 44.1, 48, 64, 88.2,
96 kHz)
D Zero PPM Error Output Clocks
D Low Clock Jitter: 50 ps (Typical)
D Multiple Sampling Frequencies:
– fS = 32, 44.1, 48, 64, 88.2, 96 kHz
D 3.3-V Single Power Supply
D PLL1705: Parallel Control
PLL1706: Serial Control
D Package: 20-Pin SSOP (150 mil), Lead-Free
Product
APPLICATIONS
D DVD Players
D DVD Add-On Cards for Multimedia PCs
D Digital HDTV Systems
D Set-Top Boxes
DESCRIPTION
The PLL1705and PLL1706are low cost, phase-locked
loop (PLL) multiclock generators. The PLL1705 and
PLL1706 can generate four system clocks from a 27-MHz
reference input frequency. The clock outputs of the
PLL1705 can be controlled by sampling frequency-control
pins and those of the PLL1706 can be controlled through
serial-mode control pins. The device gives customers both
cost
and
space
savings
by
eliminating
external
components and enables customers to achieve the very
low-jitter performance needed for high performance audio
DACs and/or ADCs. The PLL1705 and PLL1706 are ideal
for MPEG-2 applications which use a 27-MHz master
clock such as DVD players, DVD add-on cards for
multimedia PCs, digital HDTV systems, and set-top
boxes.
FUNCTIONAL BLOCK DIAGRAM
Mode Control Interface
( ): PLL1706
XT1
(ML)
SR
(MC)
FS2
(MD)
FS1
CSEL
PLL2
PLL1
OSC
XT2
MCKO1
MCKO2
SCKO0
Divider
Divider
Divider
SCKO1
SCKO2
SCKO3
Reset
Power Supply
VCC AGND VDD1–3 DGND1–3
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
†The PLL1705 and PLL1706 use the same die and they are electrically identical except for mode control.


Similar Part No. - PLL1705

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PLL1705 BURR-BROWN-PLL1705 Datasheet
157Kb / 18P
3.3-V DUAL PLL MULTICLOCK GENERATOR
logo
Texas Instruments
PLL1705 TI2-PLL1705 Datasheet
283Kb / 22P
3.3-V DUAL PLL MULTICLOCK GENERATOR
REVISED SEPTEMBER 2002
PLL1705 TI2-PLL1705 Datasheet
283Kb / 22P
3.3-V DUAL PLL MULTICLOCK GENERATOR
REVISED SEPTEMBER 2002
logo
Burr-Brown (TI)
PLL1705DBQ BURR-BROWN-PLL1705DBQ Datasheet
157Kb / 18P
3.3-V DUAL PLL MULTICLOCK GENERATOR
logo
Texas Instruments
PLL1705DBQ TI2-PLL1705DBQ Datasheet
283Kb / 22P
3.3-V DUAL PLL MULTICLOCK GENERATOR
REVISED SEPTEMBER 2002
More results

Similar Description - PLL1705

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
logo
Burr-Brown (TI)
PLL1707 BURR-BROWN-PLL1707 Datasheet
171Kb / 22P
3.3 V DUAL PLL MULTICLOCK GENERATOR
logo
Motorola, Inc
MPC9331 MOTOROLA-MPC9331 Datasheet
321Kb / 12P
3.3 V 1:6 LVCMOS PLL Clock Generator
logo
Freescale Semiconductor...
MPC9773 FREESCALE-MPC9773 Datasheet
490Kb / 19P
3.3 V 1:12 LVCMOS PLL Clock Generator
logo
Burr-Brown (TI)
PLL1705 BURR-BROWN-PLL1705_06 Datasheet
157Kb / 18P
3.3-V DUAL PLL MULTICLOCK GENERATOR
logo
Texas Instruments
PLL1707-Q1 TI1-PLL1707-Q1 Datasheet
602Kb / 18P
3.3-V DUAL-PLL MULTICLOCK GENERATOR
PLL1707 TI1-PLL1707_15 Datasheet
617Kb / 25P
3.3-V DUAL PLL MULTICLOCK GENERATOR
logo
Renesas Technology Corp
MPC9331 RENESAS-MPC9331 Datasheet
428Kb / 14P
3.3 V 1:6 LVCMOS PLL Clock Generator
2019
MPC9653 RENESAS-MPC9653 Datasheet
788Kb / 13P
3.3 V 1:8 LVCMOS PLL Clock Generator
2019
MPC9773 RENESAS-MPC9773 Datasheet
557Kb / 22P
3.3 V 1:12 LVCMOS PLL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com