Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL1705 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PLL1705
Description  3.3-V DUAL PLL MULTICLOCK GENERATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLL1705 Datasheet(HTML) 3 Page - Texas Instruments

  PLL1705 Datasheet HTML 1Page - Texas Instruments PLL1705 Datasheet HTML 2Page - Texas Instruments PLL1705 Datasheet HTML 3Page - Texas Instruments PLL1705 Datasheet HTML 4Page - Texas Instruments PLL1705 Datasheet HTML 5Page - Texas Instruments PLL1705 Datasheet HTML 6Page - Texas Instruments PLL1705 Datasheet HTML 7Page - Texas Instruments PLL1705 Datasheet HTML 8Page - Texas Instruments PLL1705 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
PLL1705
PLL1706
SLES046A – AUGUST 2002 – REVISED SEPTEMBER 2002
www.ti.com
3
ELECTRICAL CHARACTERISTICS
all specifications at TA = 25°C, VDD1–VDD3 (= VDD) = VCC = 3.3 V, fM = 27 MHz, crystal oscillation, fS = 48 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
Logic input
CMOS compatible
VIH (1)
Input logic level
0.7VDD
3.6
Vdc
VIL (1)
Input logic level
0.3 VDD
Vdc
IIH (1)
Input logic current
VIN = VDD
65
100
µA
IIL (1)
Input logic current
VIN = 0 V
±10
µA
Logic output
CMOS
VOH (2)
Output logic level
IOH = –4 mA
VDD – 0.4 V
Vdc
VOL (2)
Output logic level
IOL = 4 mA
0.4
Vdc
Samplingfrequency
Standard fS
32
44.1
48
kHz
Samplingfrequency
Double fS
64
88.2
96
kHz
MASTER CLOCK (MCKO1, 2) CHARACTERISTICS (fM = 27 MHz, C1 = C2 = 15 pF, CL = 20 pF on measurement pin)
Master clock frequency
26.73
27
27.27
MHz
VIH
Input level(3)
0.7 VCC
V
VIL
Input level(3)
0.3 VCC
V
IIH
Input current(3)
VIN = VCC
±10
µA
IIL
Input current(3)
VIN = 0 V
±10
µA
Output voltage (4)
3.5
Vp-p
Output rise time
20% to 80% of VDD
2.0
ns
Output fall time
80% to 20% of VDD
2.0
ns
Duty cycle
For crystal oscillation
45%
48%
55%
Duty cycle
For external clock
50%
Clock jitter (5)
50
ps
Power-up time (6)
0.5
1.5
ms
PLL AC CHARACTERISTICS (SCKO0–3) (fM = 27 MHz, CL = 20 pF on measurement pin)
SCKO0
Fixed
33.8688
SCKO1
Output system clock frequency
Selectable for 44.1 kHz
16.9344
33.8688
MHz
SCKO2
Output system clock frequency
256 fS
8.192
12.288
24.576
MHz
SCKO3
384 fS
12.288
18.432
36.864
Output rise time
20% to 80% of VDD
2.0
ns
Output fall time
80% to 20% of VDD
2.0
ns
Output duty cycle
45
50
55
%
Output clock jitter (5)
50
100
ps
Frequency Settling Time(7)
PLL1705, to stated output frequency
50
150
ns
Frequency Settling Time(7)
PLL1706, to stated output frequency
80
200
ns
Power-up time (8)
To stated output frequency
3
6
ms
(1) Pins 5, 6, 7, 12: FS1/MD, FS2/MC, SR/ML, CSEL (Schmitt-trigger input with internal pulldown, 3.3-V tolerant)
(2) Pins 2, 3, 14, 15, 18, 19: SCKO2, SCKO3, MCKO1, MCKO2, SCKO1, SCKO0
(3) Pin 10: XT1
(4) Pin 11: XT2
(5) Jitter performance is specified as standard deviation of jitter for 27-MHz crystal oscillation and default SCKO frequency setting. Jitter
performance varies with master clock mode, SCKO frequency setting and load capacitance on each clock output.
(6) The delay time from power on to oscillation
(7) The settling time when the sampling frequency is changed
(8) The delay time from power on to lockup
(9) fM = 27-MHz crystal oscillation, no load on MCKO1, MCKO2, SCKO0, SCKO1, SCKO2, SCKO3. Power supply current varies with sampling
frequency selection and load condition.
(10) While all bits of CE[6:1] are 0, the PLL1706 goes into power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com