Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL8250 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # QL8250
Description  LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL8250 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button QL8250 Datasheet HTML 23Page - List of Unclassifed Manufacturers QL8250 Datasheet HTML 24Page - List of Unclassifed Manufacturers QL8250 Datasheet HTML 25Page - List of Unclassifed Manufacturers QL8250 Datasheet HTML 26Page - List of Unclassifed Manufacturers QL8250 Datasheet HTML 27Page - List of Unclassifed Manufacturers QL8250 Datasheet HTML 28Page - List of Unclassifed Manufacturers QL8250 Datasheet HTML 29Page - List of Unclassifed Manufacturers QL8250 Datasheet HTML 30Page - List of Unclassifed Manufacturers QL8250 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
‹ 4XLFN/RJLF &RUSRUDWLRQ
ZZZTXLFNORJLFFRP
‡
‡
‡
‡
‡
‡
(FOLSVH,,)DPLO\ 'DWD 6KHHW 5HY %
Preliminary

)LJXUH5$0 &HOO6\QFKURQRXV DQG$V\QFKURQRXV5HDG7LPLQJ
7DEOH  5$0 &HOO 6\QFKURQRXV DQG $V\QFKURQRXV 5HDG 7LPLQJ
6\PERO
3DUDPHWHU
9DOXH
5$0&HOO6\QFKURQRXV 5HDG7LPLQJ
0LQ
0D[
tSRA
RA setup time to RCLK: time the READ ADDRESS must be stable before the active
edge of the READ CLOCK
0.686 ns
-
tHRA
RA hold time to RCLK: time the READ ADDRESS must be stable after the active
edge of the READ CLOCK
0 ns
-
tSRE
RE setup time to WCLK: time the READ ENABLE must be stable before the active
edge of the READ CLOCK
0.243 ns
-
tHRE
RE hold time to WCLK: time the READ ENABLE must be stable after the active
edge of the READ CLOCK
0 ns
-
tRCRD
RCLK to RD: time between the active READ CLOCK edge and the time when the
data is available at RD
-
4.38 ns
5$0&HOO$V\QFKURQRXV5HDG7LPLQJ
rPDRD
RA to RD: time between when the READ ADDRESS is input and when the DATA
is output
-
2.06 ns
tSRA
tHRA
RCLK
RA
tSRE
tHRE
tRCRD
old data
new data
RE
RD
rPDRD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com