Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL8250 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # QL8250
Description  LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL8250 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button QL8250 Datasheet HTML 16Page - List of Unclassifed Manufacturers QL8250 Datasheet HTML 17Page - List of Unclassifed Manufacturers QL8250 Datasheet HTML 18Page - List of Unclassifed Manufacturers QL8250 Datasheet HTML 19Page - List of Unclassifed Manufacturers QL8250 Datasheet HTML 20Page - List of Unclassifed Manufacturers QL8250 Datasheet HTML 21Page - List of Unclassifed Manufacturers QL8250 Datasheet HTML 22Page - List of Unclassifed Manufacturers QL8250 Datasheet HTML 23Page - List of Unclassifed Manufacturers QL8250 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
ZZZTXLFNORJLFFRP
‹ 4XLFN/RJLF&RUSRUDWLRQ
‡
‡
‡
‡
‡
‡
(FOLSVH,, )DPLO\ 'DWD 6KHHW5HY %
Preliminary

7DEOH '&&KDUDFWHULVWLFV
6\PERO
3DUDPHWHU
&RQGLWLRQV
0LQ
0D[
8QLWV
II
I or I/O Input Leakage Current
VI = VCCIO or GND
-10
10
µA
IOZ
3-State Output Leakage Current
VI = VCCIO or GND
-
10
µA
CI
I/O Input Capacitancea
D&DSDFLWDQFHLVVDPSOHWHVWHG RQO\&ORFNSLQV DUH  S) PD[LPXP
-
-
8
pF
CCLOCK
Clock Input Capacitance
-
-
8
pF
IOS
Output Short Circuit Currentb
b. Only one output at a time. Duration should not exceed 30 seconds.
Vo = GND
Vo = VCC
-15
40
-180
210
mA
mA
Ided
D.C. Supply Current on Vded
-
-
-
mA
IREF
D.C. Supply Current on INREF
-
-10
10
µA
IPD
Current on programmable Pull-down
VCCIO = 3.6 V
VCCIO = 2.5 V
VCCIO = 1.8 V
-
150
µA
7DEOH,FF &KDUDFWHULVWLFV
'HYLFH
9SXPS  9
9SXPS  9
QL8025
-
-
QL8050
-
-
QL8150
-
-
QL8250a
a. For -7/-8 commercial grade devices only. Maximum ICC is 3 mA for all
industrial grade devices and 5 mA for all military devices.
2 mA
-
QL8325a
2 mA
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com