Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL8250 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # QL8250
Description  LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL8250 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button QL8250 Datasheet HTML 41Page - List of Unclassifed Manufacturers QL8250 Datasheet HTML 42Page - List of Unclassifed Manufacturers QL8250 Datasheet HTML 43Page - List of Unclassifed Manufacturers QL8250 Datasheet HTML 44Page - List of Unclassifed Manufacturers QL8250 Datasheet HTML 45Page - List of Unclassifed Manufacturers QL8250 Datasheet HTML 46Page - List of Unclassifed Manufacturers QL8250 Datasheet HTML 47Page - List of Unclassifed Manufacturers QL8250 Datasheet HTML 48Page - List of Unclassifed Manufacturers QL8250 Datasheet HTML 49Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
‹ 4XLFN/RJLF &RUSRUDWLRQ
ZZZTXLFNORJLFFRP
‡
‡
‡
‡
‡
‡
(FOLSVH,,)DPLO\ 'DWD 6KHHW 5HY %
Preliminary

3DFNDJLQJ,QIRUPDWLRQ
The Eclipse-II product family packaging information is presented in
7DEOH .
NOTE:
0LOLWDU\ WHPSHUDWXUH UDQJH SODVWLF SDFNDJHV ZLOO EH DGGHG DV IROORZ RQ SURGXFWV WR WKH
FRPPHUFLDO DQG LQGXVWULDO SURGXFWV
7DEOH 3DFNDJLQJ2SWLRQV
'HYLFH
,QIRUPDWLRQ
'HYLFH
4/
4/
4/
4/
4/
3LQ
3LWFK
3LQ
3LWFK
3LQ
3LWFK
3LQ
3LWFK
3LQ
3LWFK
 34)3

 34)3
 PP
 94)3
 PP
 94)3
 PP
 94)3
 PP
3DFNDJH
'HILQLWLRQVD
a. PQFP = Plastic Quad Flat Pack; BGA= Ball Grid Array; VQFP = Very
Thin Quad Flat Pack; CSBGA = Chip Scale Ball Grid Array; FBGA =
Fine Pitch Ball Grid Array
2UGHULQJ,QIRUPDWLRQ
 )%*$
 PP
 )%*$
 PP
 34)3
 PP
 34)3
 PP
 34)3
 PP
%*$
 PP
%*$
 PP

&6%*$
 PP

&6%*$
 PP

&6%*$
 PP
QL
8050
-7
PQ208
C
Operating Range:
C = Commercial
I = Industrial
M = Military
Package Lead Count:
PV100 = 100-pin VQFP
PQ208 = 208-pin PQFP
PT196 = 196-ball Chip Scale BGA (0.8 mm)
PT280 = 280-ball FPBGA (0.8 mm)
PS484 = 484-ball FPBGA (1.0 mm)
8150,
Part Number:
8050,
8250,8325
QuickLogic Device
Speed Grade:
7 Faster
8 Fastest
8025,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com