Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASVMX-25.000MHZ-5ABC Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASVMX-25.000MHZ-5ABC
Description  Ultra-Low Phase Jitter LVCMOS SMD Clock Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASVMX-25.000MHZ-5ABC Datasheet(HTML) 1 Page - Abracon Corporation

  ASVMX-25.000MHZ-5ABC Datasheet HTML 1Page - Abracon Corporation ASVMX-25.000MHZ-5ABC Datasheet HTML 2Page - Abracon Corporation ASVMX-25.000MHZ-5ABC Datasheet HTML 3Page - Abracon Corporation ASVMX-25.000MHZ-5ABC Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ASVMX-25.000MHz-5ABC
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
High Performance
Pb RoHS/RoHS II compliant
PART IDENTIFICATION
KEY ELECTRICAL SPECIFICATIONS
7.0 x 5.0 x 1.4mm
FEATURES:
APPLICATIONS:
• 25MHz LVCMOS
• Typical phase noise: 100fs (Integration range: 1.875MHz-20MHz)
• ±50ppm total frequency stability over -40°C to +85°C temperature range
• Industry standard 6-Pin 7 x 5mm LGA package
• Communications
• Backplane reference clock
• SERDES reference clock
• FPGA
Moisture Sensitivity Level – MSL 3
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 04.29.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
ESD Sensitive
Ultra-Low Phase Jitter LVCMOS SMD Clock Oscillator
Item
Minimum
Maximum
Unit
Condition
Supply Voltage
-0.3
+3.6
V
Storage Temp.
-55
+125
°C
Lead Temp.(soldering, 10s)
+260
°C
ESD (HBM)
2
kV
VDD = 2.375 - 3.63V, TA = -40°C to +85°C, outputs terminated with 50 Ohms to VDD /2.(1)
Notes:
1. Guaranteed after thermal equilibrium
2. Inclusive of initial accuracy, temperature drift, aging, shock, vibration from -40°C to +85°C.
Parameters
Minimum
Typical
Maximum
Units
Notes
z
H
M
0
0
0
.
5
2
y
c
n
e
u
q
e
r
F
Operating Temperature (TA)
-40
+85
°C
Overall Frequency Stability (2)
-50
+50
ppm
Supply Voltage (VDD)
+2.375
+3.63
V
Supply Current (IDD)
95
mA
Output Logic Level
VOH
VDD – 0.8
V
VOL
0.6
V
Input Logic Level
VIH
2
VDD + 0.3
V
VIL
-0.3
0.8
V
s
m
0
2
e
m
i
T
p
u
-t
r
a
t
S
0
0
5
0
0
1
)
r
T
(
e
m
i
T
e
s
i
R
ps
No load
20% to 80%
0
0
5
0
0
1
)
f
T
(
e
m
i
T
ll
a
F
%
5
5
5
4
e
l
c
y
C
y
t
u
D
Phase Noise
Integration Range:
12kHz to 20MHz
220
fsRMS
Integration Range:
1.875MHz to 20MHz
100
ASVMX-25.000MHz -5ABC -
Packing
Blank: Bulk or Tube
T: Tape & Reel (1k/reel)


Similar Part No. - ASVMX-25.000MHZ-5ABC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASVMX-25.000MHZ-5ABA ABRACON-ASVMX-25.000MHZ-5ABA Datasheet
3Mb / 4P
Ultra-Low Phase Jitter LVPECL SMD Clock Oscillator
05.01.15
ASVMX-25.000MHZ-5ABB ABRACON-ASVMX-25.000MHZ-5ABB Datasheet
3Mb / 4P
Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
05.01.15
ASVMX-25.000MHZ-5ABF ABRACON-ASVMX-25.000MHZ-5ABF Datasheet
3Mb / 4P
Ultra-Low Phase Jitter LVPECL SMD Clock Oscillator
04.29.15
More results

Similar Description - ASVMX-25.000MHZ-5ABC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFLMX-156.250MHZ-3BBA ABRACON-ASFLMX-156.250MHZ-3BBA Datasheet
8Mb / 5P
Ultra-Low Phase Jitter LVPECL SMD Clock Oscillator
04.15.15
ASFLMX-25.000MHZ-5ABA ABRACON-ASFLMX-25.000MHZ-5ABA Datasheet
6Mb / 4P
Ultra-Low Phase Jitter LVPECL SMD Clock Oscillator
04.16.15
ASFLMX-25.000MHZ-5ABH ABRACON-ASFLMX-25.000MHZ-5ABH Datasheet
6Mb / 4P
Ultra-Low Phase Jitter LVCMOS SMD Clock Oscillator
04.15.15
ASFLMX-50.000MHZ-5ABB ABRACON-ASFLMX-50.000MHZ-5ABB Datasheet
8Mb / 5P
Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
04.15.15
ASVMX-25.000MHZ-5ABB ABRACON-ASVMX-25.000MHZ-5ABB Datasheet
3Mb / 4P
Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
05.01.15
ASVMX-25.000MHZ-5ABF ABRACON-ASVMX-25.000MHZ-5ABF Datasheet
3Mb / 4P
Ultra-Low Phase Jitter LVPECL SMD Clock Oscillator
04.29.15
ASVMX-100.000MHZ-5ABA ABRACON-ASVMX-100.000MHZ-5ABA Datasheet
3Mb / 4P
Ultra-Low Phase Jitter LVPECL SMD Clock Oscillator
04.29.15
ASVMX-156.250MHZ-3BBB ABRACON-ASVMX-156.250MHZ-3BBB Datasheet
5Mb / 5P
Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
04.22.15
ASVMX-156.250MHZ-3BNR ABRACON-ASVMX-156.250MHZ-3BNR Datasheet
5Mb / 5P
Ultra-Low Phase Jitter LVPECL SMD Clock Oscillator
04.27.15
ASVMX-312.500MHZ-3BBA ABRACON-ASVMX-312.500MHZ-3BBA Datasheet
5Mb / 5P
Ultra-Low Phase Jitter LVPECL SMD Clock Oscillator
04.22.15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com