Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASVMX-25.000MHZ-5ABC Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASVMX-25.000MHZ-5ABC
Description  Ultra-Low Phase Jitter LVCMOS SMD Clock Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASVMX-25.000MHZ-5ABC Datasheet(HTML) 2 Page - Abracon Corporation

  ASVMX-25.000MHZ-5ABC Datasheet HTML 1Page - Abracon Corporation ASVMX-25.000MHZ-5ABC Datasheet HTML 2Page - Abracon Corporation ASVMX-25.000MHZ-5ABC Datasheet HTML 3Page - Abracon Corporation ASVMX-25.000MHZ-5ABC Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ASVMP
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Low Jitter
High Performance
Pb RoHS/RoHS II compliant
DESCRIPTION:
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 04.29.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
7.0 x 5.0 x 1.4mm
Recommended Land Pattern
Dimensions: mm
OUTLINE DIMENSION
ASVMX-25.000MHz-5ABC
Ref.
Min.
Nom.
Max.
A
1.260
1.330
1.400
A1
0.190
0.230
0.270
A2
1.070
1.100
1.130
D
4.900
5.000
5.100
D1
3.700 BSC
E
6.900
7.000
7.100
E1
5.080 BSC
b
1.050
1.100
1.150
c
1.350
1.400
1.450
e
2.540 BSC
f
0.050
0.100
0.150
k
0.210
0.260
0.310
m
1.090
1.140
1.190
n
36
Dimensional
Tolerance
aaa
0.100
bbb
0.070
Ultra-Low Phase Jitter LVCMOS SMD Clock Oscillator



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com