Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASVMX-25.000MHZ-5ABC Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASVMX-25.000MHZ-5ABC
Description  Ultra-Low Phase Jitter LVCMOS SMD Clock Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASVMX-25.000MHZ-5ABC Datasheet(HTML) 3 Page - Abracon Corporation

  ASVMX-25.000MHZ-5ABC Datasheet HTML 1Page - Abracon Corporation ASVMX-25.000MHZ-5ABC Datasheet HTML 2Page - Abracon Corporation ASVMX-25.000MHZ-5ABC Datasheet HTML 3Page - Abracon Corporation ASVMX-25.000MHZ-5ABC Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ASVMP
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Low Jitter
High Performance
Pb RoHS/RoHS II compliant
DESCRIPTION:
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 04.29.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
7.0 x 5.0 x 1.4mm
PIN CONFIGURATION
REFLOW PROFILE
Parameters
Specifications
Average Ramp-up Rate
3°C /second max.
Pre-Heat Temp 150 – 200°C
60 – 180 second
Temp > 217°C
60 – 150 second
Time @ Peak Temperature
20 – 40 second
Peak Temperature
260°C + 0°C / -5°C
Ramp-down Rate
-6°C / second max.
Time 25°C to Peak Temp.
8 minutes max.
ASVMX-25.000MHz-5ABC
Ultra-Low Phase Jitter LVCMOS SMD Clock Oscillator
Pin #
Pin Name
Pin Type
Pin Level
Pin Function
1
OE
I, SE
LVCMOS
Output Enable, disables output to tri-state.
0 = Disabled, 1= Enabled, 50k Ω Pull-up
2
DNC
Make no connection, leave floating
3
GND
PWR
Power Supply Ground
4
Q
O, SE
LVCMOS
Clock Output
5
DNC
Make no connection, leave floating
6
VDD
PWR
Power Supply



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com